Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S324 Datasheet(PDF) 2 Page - AUK corp

Part # S324
Description  Low Power Quad OP AMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S324 Datasheet(HTML) 2 Page - AUK corp

  S324_1 Datasheet HTML 1Page - AUK corp S324_1 Datasheet HTML 2Page - AUK corp S324_1 Datasheet HTML 3Page - AUK corp S324_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-K001-001
2
S324
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Supply voltage
VCC
36 or ±18
V
Differential input voltage
VIND
36
V
Input voltage
VIN
-0.3 ~ +36
V
Power Dissipation
PD
300
mW
Operating temperature
Topr
-40 ~ +85
°C
Storage temperature
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Unless otherwise specified. VCC = 5V, VEE = GND and –40 °C ≤ Ta +85 °C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Input offset voltage
VIOS
VCC = 5~30V
Rg = 0Ω
-
2
7
mV
Input offset current
IIOS
-
-
5
30
nA
Input bias current
IIB
-
-
45
150
nA
Input common mode
voltage range
VICR
VCC = 30V
0
-
VCC
–1.5
V
Supply current
ICC
RL = ∞, All Channel
-
0.7
1.2
mA
Large signal voltage
gain
GV
VCC = 15V
RL ≥ 2 KΩ
86
100
-
dB
VCC = 30V
RL=2 KΩ
26
-
-
VOH
RL=10 KΩ
27
28
-
V
Output voltage swing
VOL
VCC =5V, RL ≤10 KΩ
-
5
20
mV
Common mode
rejection ratio
CMRR
(Ta=25 °C)
65
85
-
dB
Power supply
rejection ratio
PSRR
(Ta=25 °C)
65
100
-
dB
Output source current
IO+
VCC = 15V
VIN+ = 1V, VIN- = 0V
20
40
-
mA
VCC = 15V
VIN+ = 0V, VIN- = 1V
10
20
-
mA
Output sink current
IO-
VOUT = 200mV,
VIN+= 0V, VIN-= 1V, VCC= 15V
12
45
-
µA


Similar Part No. - S324_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S324DB ETC2-S324DB Datasheet
45Kb / 1P
   300 Series Deep Bracket (DB)
logo
SPANSION
S324GB12UI SPANSION-S324GB12UI Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
S324GB70UI SPANSION-S324GB70UI Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
S324GB90UI SPANSION-S324GB90UI Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
S324GT12UI SPANSION-S324GT12UI Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - S324_1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
logo
AUK corp
S324P AUK-S324P_1 Datasheet
256Kb / 4P
   Low Power Quad OP AMP
S324P AUK-S324P Datasheet
207Kb / 3P
   Low Power Quad OP AMP
S324 AUK-S324 Datasheet
205Kb / 3P
   Low Power Quad OP AMP
logo
National Semiconductor ...
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
Toshiba Semiconductor
TA8449P TOSHIBA-TA8449P Datasheet
187Kb / 5P
   QUAD POWER OP. AMP
logo
NTE Electronics
NTE987 NTE-NTE987 Datasheet
28Kb / 3P
   Integrated Circuit Quad, Low Power OP Amp
logo
TelCom Semiconductor, I...
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com