Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78LXX Datasheet(PDF) 2 Page - AUK corp

Part # S78LXX
Description  Positive-Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78LXX Datasheet(HTML) 2 Page - AUK corp

  S78LXX_1 Datasheet HTML 1Page - AUK corp S78LXX_1 Datasheet HTML 2Page - AUK corp S78LXX_1 Datasheet HTML 3Page - AUK corp S78LXX_1 Datasheet HTML 4Page - AUK corp S78LXX_1 Datasheet HTML 5Page - AUK corp S78LXX_1 Datasheet HTML 6Page - AUK corp S78LXX_1 Datasheet HTML 7Page - AUK corp S78LXX_1 Datasheet HTML 8Page - AUK corp S78LXX_1 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KSD-I0A002-001
2
S78Lxx
Absolute maximum ratings
[Ta=25
°C]
Characteristics
Symbol
Rating
Unit
S78L05
Thru
S78L10
30
S78L12
Thru
S78L18
35
Input Voltage
VI
S78L24
40
V
Power Dissipation
PD
625
mW
Junction Temperature
TJ
150
Operating temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +150
Device Selection Guide
Device
Output Voltage
S78L05
5.0V
S78L06
6.0V
S78L08
8.0V
S78L09
9.0V
S78L10
10V
S78L12
12V
S78L15
15V
S78L18
18V
S78L24
24V


Similar Part No. - S78LXX_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
S78LXXL AUK-S78LXXL Datasheet
255Kb / 8P
   Positive-Voltage Regulators
S78LXXL AUK-S78LXXL_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
More results

Similar Description - S78LXX_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com