Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB89930A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB89930A
Description  8-bit Proprietary Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB89930A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
MB89930A Series
3
(Continued)
* : The minimum operating voltage varies with the operating frequency, the function, and the connected ICE.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
* : Adapter for 48-pin to 30-pin conversion (manufactured by Sunhayato Corp.)
Part number : 48QF-30SOP-8L
Inquiry : Sunhayato Corp. : TEL
: (81) -3-3984-7791
FAX
: (81) -3-3971-0535
E-mail : adapter@sunhayato.co.jp
s DIFFERENCES AMONG PRODUCTS
1.
Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
2.
Current Consumption
In the case of the MB89PV930A, add the current consumed by the EPROM which is connected to the top socket.
3.
Mask Options
Functions that can be selected as options and how to designate these options vary by the product. Before using
options check section “s MASK OPTIONS” Take particular care on the following points :
Options are fixed on the MB89PV930A and MB89P935B.
4.
Difference between MB89935A and MB89935B
MB89935B is different from MB89935A in that the internal circuit and oscillator have been changed and the
radiated noise and current consumption while oscillation is active is reduced. For details of the characteristics
of current consumption, see “s EXAMPLE CHARACTERISTICS”.
Part number
MB89935A
MB89935B
MB89P935B
MB89PV930A
Parameter
10-bit A/D converter
10-bit precision
× 8 channels
A/D conversion function (Conversion time : 15.2
µs/10 MHz)
Continuous activation by 8/16-bit timer/counter output or time-base timer counter
Wild Register
8-bit
× 2
Standby mode
Sleep mode, and Stop mode
*Power supply
Voltage
2.2 V to 5.5 V
3.0 V to 5.5 V
2.7 V to 5.5 V
Package
MB89935A
MB89935B
MB89P935B
MB89PV930A
FPT-30P-M02
×*
MQP-48C-P01
××
×


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB89670R8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB89490_038-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB891808-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB898608-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB898208-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB89810A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB89120_018-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB89130_018-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB89560H8-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn