Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89930A Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB89930A
Description  8-bit Proprietary Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89930A Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB89930A Datasheet HTML 19Page - Fujitsu Component Limited. MB89930A Datasheet HTML 20Page - Fujitsu Component Limited. MB89930A Datasheet HTML 21Page - Fujitsu Component Limited. MB89930A Datasheet HTML 22Page - Fujitsu Component Limited. MB89930A Datasheet HTML 23Page - Fujitsu Component Limited. MB89930A Datasheet HTML 24Page - Fujitsu Component Limited. MB89930A Datasheet HTML 25Page - Fujitsu Component Limited. MB89930A Datasheet HTML 26Page - Fujitsu Component Limited. MB89930A Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
MB89930A Series
23
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : If the maximum current to /from an input is limited by some means with external components, the ICLAMP rating
supersedes the VI rating.
*2 :
• Applicable to pins : P00 to P07, P30 to P37, P40 to P43, P50
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied with a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potentional may pass through the protective diode and increase the potentional at the VCC pin, and this may
affect other devices.
• Note that if a +B signal is input when the microcontroller current is off (not fixed at 0 V) , the power supply
is provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the
resulting supply voltage may not be sufficient to operate the power-on result.
• Care must be taken not to leave the +B input pin open.
• Note that analog system input pins other than the A/D input pins (LCD drive pins, comparator input pins,
etc.) cannot accept +B signl input.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3
VSS
+ 6.0
V
Input voltage
VI
VSS
− 0.3 VCC + 0.3
V
*1
Output voltage
VO
VSS
− 0.3 VCC + 6.0
V
Maximum clamp current
ICLAMP
– 2.0
+ 2.0
mA
*2
Maximum total clamp current
∑ |ICLAMP|
20
mA
*2
“L” level maximum output current
IOL1
20
mA
Pins P40 to P43
IOL2
10
mA
Pins excluding P40 to P43
“L” level average output current
IOLAV
4mA
Average value (operating
current
× operating rate)
“L” level total maximum output current
ΣIOL
100
mA
“H” level maximum output current
IOH
−10
mA
“H” level average output current
IOHAV
−2mA
Average value (operating
current
× operating rate)
“H” level total maximum output current
ΣIOH
−50
mA
Power consumption
Pd
200
mW
Operating temperature
Ta
−40
+85
°C
−40
+125
°C*3
Storage temperature
Tstg
−55
+150
°C


Similar Part No. - MB89930A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89935 FUJITSU-MB89935 Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935A FUJITSU-MB89935A Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935APFV FUJITSU-MB89935APFV Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935B FUJITSU-MB89935B Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935BPFV FUJITSU-MB89935BPFV Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89930A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com