Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89930A Datasheet(PDF) 18 Page - Fujitsu Component Limited.

Part # MB89930A
Description  8-bit Proprietary Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89930A Datasheet(HTML) 18 Page - Fujitsu Component Limited.

Back Button MB89930A Datasheet HTML 14Page - Fujitsu Component Limited. MB89930A Datasheet HTML 15Page - Fujitsu Component Limited. MB89930A Datasheet HTML 16Page - Fujitsu Component Limited. MB89930A Datasheet HTML 17Page - Fujitsu Component Limited. MB89930A Datasheet HTML 18Page - Fujitsu Component Limited. MB89930A Datasheet HTML 19Page - Fujitsu Component Limited. MB89930A Datasheet HTML 20Page - Fujitsu Component Limited. MB89930A Datasheet HTML 21Page - Fujitsu Component Limited. MB89930A Datasheet HTML 22Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MB89930A Series
18
The RP indicates the address of the register bank currently in use. The relationship between the pointer contents
and the actual address is based on the conversion rule illustrated below.
The CCR consists of bits indicating the results of arithmetic operations and the contents of transfer data and
bits for control of CPU operations at the time of an interrupt.
H-flag :
Set to “1” when a carry or a borrow from bit 3 to bit 4 occurs as a result of an arithmetic operation.
Cleared to “0” otherwise. This flag is for decimal adjustment instructions.
I-flag :
Interrupt is enabled when this flag is set to “1”. Interrupt is disabled when the flag is cleared to “0”.
Cleared to “0” at the reset.
IL1, 0 :
Indicates the level of the interrupt currently allowed. Processes an interrupt only if its request level is
higher than the value indicated by this bit.
IL1
IL0
Interrupt level
High-low
00
1
High
Low
= no interrupt
01
10
2
11
3
N-flag :
Set to “1” if the MSB becomes to “1” as the result of an arithmetic operation. Cleared to “0” when the
bit is cleared to “0”.
Z-flag :
Set to “1” when an arithmetic operation results in 0. Cleared otherwise.
V-flag :
Set to “1” if the complement on 2 overflows as a result of an arithmetic operation. Cleared to “0” if the
overflow does not occur.
C-flag :
Set to “1” when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. Cleared to
“0” otherwise. Set to the shift-out value in the case of a shift instruction.
"0"
"0"
"0"
"0"
"0"
"0"
"0"
"1"
R4
R3
R2
R1
R0
b2
b1
RP
Low OP codes
b0
A7
A6
A5
A4
A3
A2
A1
A0
A15
Generated addresses
A14 A13 A12 A11 A10
A9
A8
• Rule for Conversion of Actual Addresses of the General-purpose Register Area


Similar Part No. - MB89930A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89935 FUJITSU-MB89935 Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935A FUJITSU-MB89935A Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935APFV FUJITSU-MB89935APFV Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935B FUJITSU-MB89935B Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
MB89935BPFV FUJITSU-MB89935BPFV Datasheet
633Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89930A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com