Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB89670R Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB89670R
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89670R Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89670R Datasheet HTML 1Page - Fujitsu Component Limited. MB89670R Datasheet HTML 2Page - Fujitsu Component Limited. MB89670R Datasheet HTML 3Page - Fujitsu Component Limited. MB89670R Datasheet HTML 4Page - Fujitsu Component Limited. MB89670R Datasheet HTML 5Page - Fujitsu Component Limited. MB89670R Datasheet HTML 6Page - Fujitsu Component Limited. MB89670R Datasheet HTML 7Page - Fujitsu Component Limited. MB89670R Datasheet HTML 8Page - Fujitsu Component Limited. MB89670R Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
MB89670R/670AR Series
s PRODUCT LINEUP
(Continued)
MB89673AR MB89675R*1 MB89675AR MB89677AR MB89P677A MB89PV670A
Classification
Mass-produced products
(mask ROM products)
One-time
PROM
product (for
development)
Piggyback/
evaluation
product (for
development)
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal mask ROM)
32 K
× 8 bits
(internal mask ROM)
48 K
× 8 bits
(external
ROM)
RAM size
384
× 8 bits
512
× 8 bits
1 K
× 8 bits
CPU
functions
The number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.4
µs@10 MHz to 6.4 µs@10 MHz
Interrupt processing time:
3.6
µs@10 MHz to 57.6 µs@10 MHz
Ports
Output ports (N-channel open-drain):
14 (12 also serve as peripherals.)
Output ports (CMOS):
8 (All also serve as peripherals.)
I/O ports (N-channel open-drain):
7 (All also serve as peripherals.)
I/O ports (CMOS):
32 (All also serve as peripherals.)
Input ports:
8 (All also serve as peripherals.)
Total:
69
Option
Specify when ordering masking
Set with
EPROM
programmer
Setting not
possible
Timebase
timer
21 bits (0.81 ms, 3.27 ms, 26.21 ms, 419 ms@10 MHz)
8/16-bit
up/down
counter/timer
8 bits
× 2 channels or 16 bits × 1 channel
Timer operation
Up/down counter operation
Phase difference counting (double mode, quadruple mode)
16-bit
timer/counter
16-bit timer operation
16-bit event counter operation (edge selectable)
8/16-bit
timer/counter
8 bits
× 2 channels or 16 bits × 1 channel
Reload timer operation (toggled output capable)
Event counter operation
8-bit PWM
timer 1, 2
8 bits
× 2 channels reload timer operation (toggled output capable)
8 bits
× 2 channels PWM operation (four frequencies fixed)
8 bits
× 1 channel PPG operation (variable frequency)
Capable of output switching between 2 channels in any mode
8-bit PWM
timer 3, 4, 5, 6
8-bit reload timer operation (toggled output capable)
8-bit PWM operation (four frequencies fixed)
Capable of output switching between 2 channels in any mode
8-bit serial I/O
8 bits
LSB first/MSB first selectable
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks)
MB89673R*1
Part number
Item


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB89490_03 8-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB89180 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89860 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89820 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89810A 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89120_01 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89130_01 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89560H 8-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB89140_01 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB89680 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn