Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

F1001C Datasheet(PDF) 2 Page - Polyfet RF Devices

Part No. F1001C
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POLYFET [Polyfet RF Devices]
Homepage  http://www.polyfet.com
Logo 

F1001C Datasheet(HTML) 2 Page - Polyfet RF Devices

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F1001C POUT vs PIN IDQ=0.1A; F=175 MHZ VDS=28V
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
PIN IN WATTS
10
11
12
13
14
15
16
17
18
19
20
POUT
GAIN
Efficiency = 75%
POUT VS PIN GRAPH
F1001C
F1B 1 DIE Capacitance vs Vds
VDS IN VOLTS
1
10
100
0
5
10
15
20
25
30
Crss
Coss
Ciss
F1B 1DIE IV CURVE
Vds in Volts
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
F1B 1 DIE GM & ID vs VG
Vgs in Volts
0.01
0.1
1
10
0
2
4
6
8
10
12
14
Gm
Id
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
CAPACITANCE VS VOLTAGE
IV CURVE
ID AND GM VS VGS
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
REVISION
8/1/97


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn