Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4410D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4410D
Description  Dual N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4410D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4410D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4410D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4410D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4410D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4410D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM4410D
1-1
2006/04 rev. A
TSM4410D
Dual N-Channel Enhancement Mode MOSFET
Vds = 25V
Id = 10A
Rds(on), Vgs @ 10V, Ids @ 10A = 21mΩ
Rds(on), Vgs @ 4.5V, Ids @ 8A = 15mΩ
Features
Advanced trench process technology
High density cell design for ultra low on-resistance
Excellent thermal and electrical capabilities
Fully characterized avalanche voltage and current
Ordering Information
Part No.
Packing
Package
TSM4410DCS RL
Tape & Reel
2,500/per reel
SOP-8
Block Diagram
Absolute Maximum Rating (T
A = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
10
Pulsed Drain Current
IDM
50
A
TA = 25
oC
2.5
Maximum Power Dissipation
TA = 70
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction-to-Foot Thermal Resistance
RθjF
22
Junction to Ambient Thermal Resistance (PCB mounted)
Rθja
50
oC/W
Note: 1. Maximum DC current limited by the package
2. 1-in
2 2oz Cu PCB board
Pin assignment:
1. Source 1
8. Drain 1
2. Gate 1
7. Drain 1
3. Source 2
6. Drain 2
4. Gate 2
5. Drain 2


Similar Part No. - TSM4410D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
359Kb / 6P
   25V Dual N-Channel MOSFET
TSM4410DCS TSC-TSM4410DCS Datasheet
359Kb / 6P
   25V Dual N-Channel MOSFET
TSM4410DCSRL TSC-TSM4410DCSRL Datasheet
128Kb / 6P
   25V Dual N-Channel MOSFET
TSM4410D TSC-TSM4410D_07 Datasheet
359Kb / 6P
   25V Dual N-Channel MOSFET
TSM4410D TSC-TSM4410D_08 Datasheet
128Kb / 6P
   25V Dual N-Channel MOSFET
More results

Similar Description - TSM4410D

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com