Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLP322 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # MLP322
Description  Surface mounted, 3 pin package Package outline
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MLP322 Datasheet(HTML) 2 Page - Zetex Semiconductors

  MLP322 Datasheet HTML 1Page - Zetex Semiconductors MLP322 Datasheet HTML 2Page - Zetex Semiconductors MLP322 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Package information - MLP322
Issue 2 - October 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Nominal weight
Nominal weight per device 9.1mg.
Tape and reel information
Embossed carrier tape configuration
Orientation
Tape width
(mm)
Reel size
(inches)
No. of
components
Tape option
indicator
8
7
3,000
TA
8
13
10,000
TC
Dimensions
mm (inches)
Tape size (mm)
8
121624
A0, B0, K0
See note*
NOTES:
* A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements
(see fig. 1).
See note*
See note*
See note*
B1 (max.)
4.55 (0.179)
8.20 (0.323)
12.10 (0.476)
20.10 (0.791)
D
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
D1 (max.)
1.00 (0.039)
1.50 (0.059)
1.50 (0.059)
1.50 (0.059)
E
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
F
3.50 ± 0.10
(0.138 ± 0.004)
5.50 ± 0.05
(0.217 ± 0.002)
7.50 ± 0.10
(0.295 ± 0.004)
11.50 ± 0.10
(0.453 ± 0.004)
P
4.00 ±0.10
(0.157 ± 0.004)
4.00 ±0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
12.00 ± 0.10
(0.472 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
to 20.00 ± 0.10
(0.787 ± 0.004)
in 4.00 (0.157)
increments
P0
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
P2
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
t (max.)
0.40
0.40
0.40
0.40
W
8.00 (0.315)
12.00 ± 0.30
(0.472 ± 0.012)
16.30 (0.642)
24.30 (0.957)
D
K
t
P0
P2
A0
B0
P
Center lines
of cavity
10 pitches culmulative
tolerance on tape
±0.2mm (±0.008”)
User direction of feed
Embossment
Top cover
tape
K0
B1
See Note 1
See Note 1
See Note 1
D1
W
F
E


Similar Part No. - MLP322

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP331M250EK0A CDE-MLP331M250EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP331M250EK0A CDE-MLP331M250EK0A Datasheet
446Kb / 6P
   Double the ripple capability with a heatsink
MLP331M250EK0A CDE-MLP331M250EK0A Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
446Kb / 6P
   Double the ripple capability with a heatsink
More results

Similar Description - MLP322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOD523 ZETEX-SOD523 Datasheet
177Kb / 3P
   Surface mounted, 2 pin package Package outline
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
SOT323 ZETEX-SOT323_07 Datasheet
168Kb / 3P
   Surface mounted, 3 pin package
SOT23 ZETEX-SOT23_07 Datasheet
167Kb / 3P
   Surface mounted, 3 pin package
SOT23F ZETEX-SOT23F Datasheet
163Kb / 3P
   Surface mounted, 3 pin package
TO92 ZETEX-TO92 Datasheet
87Kb / 2P
   Through hole, 3 pin package Package outline
SOT23-5 ZETEX-SOT23-5 Datasheet
206Kb / 3P
   Surface mounted, 5 pin package
TSSOP20 ZETEX-TSSOP20 Datasheet
122Kb / 3P
   Surface mounted, 20 pin package
SOD323 ZETEX-SOD323_07 Datasheet
189Kb / 3P
   Surface mounted, 2 pin package
TSOT23-5 ZETEX-TSOT23-5 Datasheet
165Kb / 3P
   Surface mounted, 5 pin package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com