Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCA-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MCA-15
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCA-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCA-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Model Number
Output Voltage
Output Amps
Output Watts
SINGLE OUTPUT - PCB Mount
MSCA-1500
3.3 VDC
3.5
12W
MSCA-1501
5 VDC
3
15W
MSCA-1504
9 VDC
1.66
15W
MSCA-1502
12 VDC
1.25
15W
MSCA-1503
15 VDC
1
15W
MSCA-1505
24 VDC
0.63
15W
SINGLE OUTPUT - Chassis Mount
MSCC-1500
3.3 VDC
3.5
12W
MSCC-1501
5 VDC
3
15W
MSCC-1504
9 VDC
1.66
15W
MSCC-1502
12 VDC
1.25
15W
MSCC-1503
15 VDC
1
15W
MSCC-1505
24 VDC
0.63
15W
SINGLE OUTPUT - DIN Rail Mount
MSCC-1500/DRL
3.3 VDC
3.5
12W
MSCC-1501/DRL
5 VDC
3
15W
MSCC-1504/DRL
9 VDC
1.66
15W
MSCC-1502/DRL
12 VDC
1.25
15W
MSCC-1503/DRL
15 VDC
1
15W
PCB 2.75”L x 1.89”W x 0.93”H
Chassis 3.96”L x 2.16”W x 1.0”H
Order On-Line!
astrodyne.com
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
3,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Fully Approved
UL/CSA22.2 60950-1 File# E167432
EN60950 File# B021022749034
IEC60950-1 File# DE354012


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
ER9 For Switching Power Supplies SMD Cores 1  2  3  4  TDK Electronics
MAA50 Switching Power Supplies 1  2  3  4  5  List of Unclassifed Manufacturers
PM66 51-65 WATT MEDICAL SWITCHING POWER SUPPLIES 1  2  Protek Devices
WM23-96AV53H Energy Management Modular Power Quality Analyzer 1  2  3  4  5  More List of Unclassifed Manufacturers
NP160N04TUG SWITCHING N-CHANNEL POWER MOS FET 1  2  3  4  5  More NEC
MIG100J201HC High Power Switching Applications Motor Control Applications 1  2  3  4  5  More Toshiba Semiconductor
CM15AD00-12H MEDIUM POWER SWITCHING USE FLAT BASE INSULATED TYPE 1  2  3  4  Mitsubishi Electric Semiconductor
CM50TU-34KA IGBT MODULES HIGH POWER SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
CM75TU-34KA HIGH POWER SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn