Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCA-15 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. MCA-15
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

MCA-15 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCA-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
0.350 [8.89]
0.100 [2.54]
MECHANICAL DIMENSIONS - DIN RAIL
Model
Match
Unmatch
Triple
Type / Pin#
Single Dual
Dual
1
AC LO
AC LO
AC LO
AC LO
2
GND
GND
GND
GND
3
AC HI
AC HI
AC HI
AC HI
4
Ctrl
Ctrl
Ctrl
Ctrl
5
-Vout
-Vout
Com
+5 Ret
6
-Vout
Com
Com
+5Vout
7
+Vout
Com
+5Vout
-Vout
8
+Vout
+Vout
+12Vout
+/- Com
9
N/C
N/C
N/C
+Vout
MECHANICAL DIMENSIONS - CHASSIS MOUNT
9
8
7
6
5
4
1
2
3
DIN Rail mounting kit available for Chassis-mount modules, specify part #
M-DRL-15. Kit includes mounting plate, DIN Rail cliip and assembly hardware.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ER9For Switching Power Supplies SMD Cores 1 2 3 4 TDK Electronics
MAA50Switching Power Supplies 1 2 3 4 5 List of Unclassifed Manufacturers
PM6651-65 WATT MEDICAL SWITCHING POWER SUPPLIES 1 2 Protek Devices
WM23-96AV53HEnergy Management Modular Power Quality Analyzer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NP160N04TUGSWITCHING N-CHANNEL POWER MOS FET 1 2 3 4 5 MoreNEC
MIG100J201HCHigh Power Switching Applications Motor Control Applications 1 2 3 4 5 MoreToshiba Semiconductor
CM15AD00-12HMEDIUM POWER SWITCHING USE FLAT BASE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TU-34KAIGBT MODULES HIGH POWER SWITCHING USE 1 2 3 4 Mitsubishi Electric Semiconductor
CM75TU-34KAHIGH POWER SWITCHING USE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn