Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCA-15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MCA-15
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

MCA-15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCA-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount
MDCA-1506
+/-12 VDC
+/-0.63
15W
MDCA-1507
+/-15 VDC
+/-0.5
15W
MDCA-1508
+5/12 VDC
1.5/0.63
15W
DUAL OUTPUT - Chassis Mount
MDCC-1506
+/-12 VDC
+/-0.63
15W
MDCC-1507
+/-15 VDC
+/-0.5
15W
MDCC-1508
+5/12 VDC
1.5/0.63
15W
DUAL OUTPUT - DIN Rail Mount
MDCC-1506/DRL
+/-12 VDC
+/-0.63
15W
MDCC-1507/DRL
+/-15 VDC
+/-0.5
15W
MDCC-1508/DRL
+5/12 VDC
1.5/0.63
15W
TRIPLE OUTPUT - PCB Mount
MTCA-1509
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTCA-1511
+5,+/-15 VDC
2.5,0.1/0.1
15W
TRIPLE OUTPUT - Chassis Mount
MTCC-1509
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTCC-1511
+5,+/-15 VDC
2.5,0.1/0.1
15W
TRIPLE OUTPUT - DIN Rail Mount
MTCC-1509/DRL
+5,+/-12 VDC
2.5,0.1/0.1
15W
MTCC-1511/DRL
+5,+/-15 VDC
2.5,0.1/0.1
15W
PCB 2.75”L x 1.89”W x 0.93”H
Chassis 3.96”L x 2.16”W x 1.0”H
Order On-Line!
astrodyne.com
Single / Dual / Triple Outputs
Universal 85VAC to 265VAC Input
3.3VDC to 24VDC Outputs
3,000VAC Input to Output Isolation
PCB and Chassis Mount Packages
Full Safety Approvals
Fully Approved
UL/CSA22.2 60950-1 File# E167432
EN60950 File# B021022749034
IEC60950-1 File# DE354012


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ER9For Switching Power Supplies SMD Cores 1 2 3 4 TDK Electronics
MAA50Switching Power Supplies 1 2 3 4 5 List of Unclassifed Manufacturers
PM6651-65 WATT MEDICAL SWITCHING POWER SUPPLIES 1 2 Protek Devices
WM23-96AV53HEnergy Management Modular Power Quality Analyzer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NP160N04TUGSWITCHING N-CHANNEL POWER MOS FET 1 2 3 4 5 MoreNEC
MIG100J201HCHigh Power Switching Applications Motor Control Applications 1 2 3 4 5 MoreToshiba Semiconductor
CM15AD00-12HMEDIUM POWER SWITCHING USE FLAT BASE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TU-34KAIGBT MODULES HIGH POWER SWITCHING USE 1 2 3 4 Mitsubishi Electric Semiconductor
CM75TU-34KAHIGH POWER SWITCHING USE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn