Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30FD-SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4BC30FD-SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD-SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4BC30FD-SPBF Datasheet HTML 1Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 2Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 3Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 4Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 5Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 6Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 7Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 8Page - International Rectifier IRG4BC30FD-SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRG4BC30FD-SPbF
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
V(BR)CES
Collector-to-Emitter Breakdown Voltage
e
600
——V
VGE = 0V, IC = 250µA
∆V
(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.69
V/°C VGE = 0V, IC = 1mA
1.59
1.8
IC = 17A
VGE = 15V
VCE(on)
Collector-to-Emitter Voltage
1.99
V
IC = 31A
See Fig. 2, 5
—1.7
IC = 17A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
V
VCE = VGE, IC = 250µA
∆V
GE(th)/∆TJ
Threshold Voltage temp. coefficient
-11
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
f
6.1
10
S
VCE = 100V, IC = 17A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
2500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.4
1.7
V
IF = 12A
See Fig. 13
—1.3
1.6
IF = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Qg
Total Gate Charge (turn-on)
51
77
IC = 17A
Qge
Gate-to-Emitter Charge (turn-on)
7.9
12
nC
VCC = 400V
See Fig. 8
Qgc
Gate-to-Collector Charge (turn-on)
19
28
VGE = 15V
td(on)
Turn-On delay time
42
TJ = 25°C
tr
Rise time
26
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off delay time
230
350
VGE = 15V, RG = 23Ω
tf
Fall time
160
230
Energy losses inlcude "tail" and
Eon
Turn-On Switching Loss
0.63
diode reverse recovery.
Eoff
Turn-Off Switching Loss
1.39
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
2.02
3.9
td(on)
Turn-On delay time
42
TJ = 150°C
See Fig. 9,10,11,18
tr
Rise time
27
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off delay time
310
VGE = 15V, RG = 23Ω
tf
Fall time
310
Energy losses inlcude "tail" and
Ets
Total Switching Loss
3.2
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
1100
VGE = 0V
Coes
Output Capacitance
74
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
14
f = 1.0MHz
trr
Diode Reverse Recovery Time
42
60
ns
TJ = 25°C
See Fig.
—80
120
TJ = 125°C
14
Irr
Diode Peak Reverse Recovery Current
3.5
6.0
A
TJ = 25°C
See Fig.
—5.6
10
TJ = 125°C
15
Qrr
Diode Reverse Recovery Charge
80
180
nC
TJ = 25°C
See Fig.
220
600
TJ = 125°C
16
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
180
A/µs TJ = 25°C
See Fig.
During tb
—120
TJ = 125°C
17
VR = 200V
di/dt 200A/µs
Conditions
Conditions
IF = 12A


Similar Part No. - IRG4BC30FD-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
More results

Similar Description - IRG4BC30FD-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD-SPBF IRF-IRG4BC30FD-SPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD1 IRF-IRG4BC30FD1 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF_15 Datasheet
415Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD-S IRF-IRG4BC30FD-S Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4PSH71UD IRF-IRG4PSH71UD Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
logo
Motorola, Inc
MGY20N120D MOTOROLA-MGY20N120D Datasheet
254Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGY20N120D ONSEMI-MGY20N120D Datasheet
171Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
REV 1
logo
Motorola, Inc
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com