Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL10 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IRL10
Description  5mm Infrared LED , T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRL10 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IRL10 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRL10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 3 of 7
Device No:DIR-033-087
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR333C/H0/L10
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
IF=20mA
7.8
10
--
IF=100mA
Pulse Width≦100μs ,Duty≦1%
--
45
--
Radiant Intensity
Ee
IF=1A
Pulse Width≦100μs ,Duty≦1%.
--
450
--
mW/sr
Peak Wavelength
λp
IF=20mA
--
940
--
nm
Spectral
Bandwidth
Δλ
IF=20mA
--
45
--
nm
IF=20mA
1.2
1.5
IF=100mA
Pulse Width≦100μs ,Duty≦1%
--
1.4
1.8
Forward Voltage
VF
IF=1A
Pulse Width≦100μs ,Duty≦1%.
--
2.6
4.0
V
Reverse Current
IR
VR=5V
--
--
10
μA
View Angle
2θ1/2
IF=20mA
--
40
--
deg
Rank
Condition:IF=20mA
Unit:mW/sr
Bin Number
M
N
Min
7.80
11.0
Max
12.5
17.6


Similar Part No. - IRL10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1004 IRF-IRL1004 Datasheet
89Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRL1004 ISC-IRL1004 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
National Semiconductor ...
IRL1004L NSC-IRL1004L Datasheet
133Kb / 10P
   HEXFET Power MOSFET
logo
International Rectifier
IRL1004L IRF-IRL1004L Datasheet
124Kb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRL1004LPBF IRF-IRL1004LPBF Datasheet
206Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRL10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
   5mm Infrared LED, T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
   5mm Infrared LED, T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
   5mm Infrared LED,T-1 3/4
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
   5mm Infrared LED,T-1 3/4
IR333C-A EVERLIGHT-IR333C-A Datasheet
368Kb / 7P
   5mm Infrared LED, T-1 3/4
Rev. 3 2010/10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com