Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TISPPBL1D Datasheet(PDF) 13 Page - Power Innovations Ltd

Part No. TISPPBL1D
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS 
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

TISPPBL1D Datasheet(HTML) 13 Page - Power Innovations Ltd

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
AUGUST 1997 - REVISED DECEMBER 1999
TISPPBL1D, TISPPBL1P, TISPPBL2D, TISPPBL2P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
FOR ERICSSON COMPONENTS SLICS
PROD UCT
I N FORM A T ION
application circuit
Figure 18 shows a typical TISPPBLx SLIC card protection circuit. The incoming line conductors, R and T,
connect to the relay matrix via the series over-current protection. Fusible resistors, fuses and positive
temperature coefficient (PTC) resistors can be used for over-current protection. Resistors will reduce the
prospective current from the surge generator for both the TISPPBLx and the ring/test protector. The
Figure 16 SLIC VOLTAGE RATINGS
Figure 17 SLIC VOLTAGE RATINGS AND TISPPBLx PROTECTION LEVELS
Time
AI6XBDD
VBat - 70
VBat - 60
VBat - 50
VBat - 40
VBat - 30
VBat - 20
VBat - 10
VBat
SLIC GROUP VOLTAGE RATINGS
vs
TIME
0
10
20
30
40
PBL 386 20/2 GROUP
PBL3762A/2 AND
PBL3766 GROUPS
1 µs
0.25 µs
PBL3762A/2 AND
PBL386 20/2 GROUPS
PBL 3766 GROUP
10 ms
Time
SLIC MINIMUM VOLTAGE WITHSTAND
AND TISPPBLx VOLTAGE LIMITING
vs
TIME
0
10
20
30
40
AI6XBC
TISPPBLx
TISPPBLx
V
BAT - 40
V
BAT - 30
V
BAT - 20
V
BAT - 10
V
BAT
1 µs
0.25 µs
10 ms
0.7 V ISOLATION DIODE (D1)
VOLTAGE DROP FROM V
Bat


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn