Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS78XXCI Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS78XXCI
Description  3-Terminal Fixed Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78XXCI Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS78XXCI Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78XXCI Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS7800 series
3-9
2003/12 rev. A
TS7808 Electrical Characteristics
(Vin=14V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.69
8
8.32
Output Voltage
Vout
10.5V
≤Vin≤23V, 10mA≤Iout≤1A,
PD
≤15W
7.61
8
8.40
V
10.5V
≤Vin≤25V
--
6
160
Line Regulation
REGline
Tj=25
oC
11V
≤Vin≤17V
--
2
80
10mA
≤Iout≤1A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
10.5V
≤Vin≤25V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V
≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.8
--
mV/
oC
TS7809 Electrical Characteristics
(Vin=15V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
8.65
9
9.36
Output Voltage
Vout
11.5V
≤Vin≤23V, 10mA≤Iout≤1A,
PD
≤15W
8.57
9
9.45
V
11.5V
≤Vin≤26V
--
6
180
Line Regulation
REGline
Tj=25
oC
12V
≤Vin≤17V
--
2
90
10mA
≤Iout≤1A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
11.5V
≤Vin≤26V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 12V
≤Vin≤22V
55
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS78XXCI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78XXCI TSC-TS78XXCI Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results

Similar Description - TS78XXCI

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com