Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111D141C Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R3111D141C
Description  LOW VOLTAGE DETECTOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111D141C Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R3111D141C Datasheet HTML 6Page - RICOH electronics devices division R3111D141C Datasheet HTML 7Page - RICOH electronics devices division R3111D141C Datasheet HTML 8Page - RICOH electronics devices division R3111D141C Datasheet HTML 9Page - RICOH electronics devices division R3111D141C Datasheet HTML 10Page - RICOH electronics devices division R3111D141C Datasheet HTML 11Page - RICOH electronics devices division R3111D141C Datasheet HTML 12Page - RICOH electronics devices division R3111D141C Datasheet HTML 13Page - RICOH electronics devices division R3111D141C Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
R3111x
10
TIMING CHART
Detector Threshold
tPLH
tPLH
tPLH
GND
GND
VDDL
-VDET
+VDET
Detector Threshold
Released Voltage
Minimum Operating Voltage
Pull-up Voltage
Supply
Voltage
(VDD)
Output
Voltage
(VOUT)
R3111xxxxA
R3111xxxxB
R3111xxxxC
Detector Threshold
Detector Threshold
Hysteresis
Hysteresis
Hysteresis
DEFINITION OF OUTPUT DELAY TIME
Output Delay Time (tPLH) is defined as follows:
1. In the case of Nch Open Drain Output:(R3111xxxxA/B)
Under the condition of the output pin (OUT) is pulled up through a resistor of 470k
Ω to 5V, the time interval
between the rising edge of VDD pulse from 0.7V to (
+VDET)+2.0V and becoming of the output voltage to 2.5V.
2. In the case of CMOS Output:(R3111xxxxC)
The time interval between the rising edge of VDD pulse from 0.7V to (
+VDET)+2.0V and becoming of the output
voltage to ((
+VDET)+2.0V)/2.
+VDET+2.0V
0.7V
Supply
Voltage
(VDD)
GND
5.0V
2.5V
GND
Output
Voltage
(VOUT)
tPLH
tPHL
+VDET+2.0V
0.7V
GND
5.0V
2.5V
GND
tPLH
tPHL
Supply
Voltage
(VDD)
Output
Voltage
(VOUT)
+VDET+2.0V
0.7V
GND
GND
tPLH
tPHL
+VDET+2.0V
+VDET+2.0V
2
Supply
Voltage
(VDD)
Output
Voltage
(VOUT)
Nch Open Drain Output
Nch Open Drain Output
CMOS Output
(R3111xxxxA)
(R3111xxxxB)
(R3111xxxxC)


Similar Part No. - R3111D141C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111E091A RICOH-R3111E091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A RICOH-R3111E091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-T1 RICOH-R3111E091A-T1 Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-TR RICOH-R3111E091A-TR Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-TZ RICOH-R3111E091A-TZ Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111D141C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com