Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5204 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5204
Description  150mA Low Noise LDO Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5204_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204_1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204_1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS5204 series
2-4
2004/09 rev. D
Recommend Operating Rating (Note 3)
Input Supply Voltage
Vin
+2.5 ~ +16
V
Electrical Characteristics
Vin=Vo+1V, Io=100uA, Cout=1uF, Vce
2V, Tj = 25 oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Vin=Vo + 1V
0.97|Vo|
1.03|Vo|
Output Voltage
Vin=Vo + 1V, Io= 50mA
0.96|Vo|
Vout
1.04|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
40
--
ppm/
oC
Line Regulation
Vo+1V ≤ Vin ≤ 16V
--
0.005
0.05
%/V
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 150mA
--
0.02
0.2
%/V
Io=100uA
--
17
50
Io=50mA
--
110
150
Io=100mA
--
140
250
Dropout Voltage (Note 6)
Io=150mA
--
165
275
mV
Io=100uA
--
80
125
Io=50mA
--
350
600
Io=100mA
--
600
1000
Ground Pin Current (Note 7)
Io=150mA
--
1300
1900
uA
Output Current Limit
Vout=0V
--
300
500
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, Cout=2.2uF,
470pF from bypass to Ground
--
260
--
nV√Hz
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The maximum allowable power dissipation at any Ta is Pd(max) = [ Tj(max) - Ta] + Өja. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
Note 3: The device is not guaranteed to function outside its operating rating.
Note 4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 1mA to 150mA. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
Note 8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation
is applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at Vin=16V for
t=10mS.


Similar Part No. - TS5204_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5204_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com