Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2208A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2208A
Description  Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2208A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2208A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2208A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2208A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2208A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2208A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2208A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2208A/B series
3-6
2003/12 rev. B
Absolute Maximum Rating
Supply Voltage
VDD
-0.3 to 12
V
V- pin
V-
VDD-22 to VDD +0.3
V
Input Voltage
VCT pin
VCext
VDD-0.3 to VDD +0.3
V
COUT pin
VCOUT
VDD-22 to VDD +0.3
V
Output Voltage
DOUT pin
VDOUT
VDD-0.3 to VDD +0.3
V
Power Dissipation
PD
150
mW
Operating Temperature Range
TOPT
-40 to +85
oC
Storage Temperature Range
TSTG
-50 to +120
oC
Note:
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any
conditions. Operation above these absolute maximum ratings may cause degradation or permanent damage to the
device. These are stress ratings only and do not necessarily functional operation below these limits.
Electrical Characteristics (Ta = 25
oC, unless otherwise specified.)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating input voltage
Voltage defined as VDD-VSS
VDD1
1.5
--
10
V
TS2208A
4.33
4.35
4.37
Over-charge threshold voltage
Detect rising
edge of supply
voltage
TS2208B
VC1
4.26
4.28
4.30
V
Over-charge threshold hysteresis
range
VHYS
0.15
0.20
0.25
V
Over-charge delay time
C3= 0.01µF,
VDD = 3.6V to 4.4V
tC1
60
75
90
ms
Over-discharge threshold voltage
Detect falling edge of supply
voltage
VD1
2.437
2.500
2.563
V
Over-discharge delay time
VDD= 3.6V to 2.4V
tD1
7
10
13
ms
Over current detection voltage
Detect rising edge of “V-” pin
voltage
VOC
0.17
0.20
0.23
V
Over current detection delay time
VDD= 3.0V
tOC
9
14
17
ms
Short circuit detection voltage
VDD= 3.0V
Vshort
VDD-1.2
VDD-0.9
VDD-0.6
V
Short circuit detection delay time
VDD= 3.0V
tshort
--
5
50
µS
Reset resistance for excess
current protection
VDD= 3.6V,V-=1.0V
Rshort
50
100
150
K
Nch ON voltage of COUT
IOL = 50µA, VDD= 4.4V
VOL1
--
0.3
0.5
V
Pch ON voltage of COUT
IOH = -50µA, VDD= 3.9V
VOH1
3.4
3.8
--
V
Nch ON voltage of COUT
IOH = 50µA, VDD= 2.4V
VOL2
--
0.2
0.5
V
Pch ON voltage of COUT
IOH= -50µA, VDD= 3.9V
VOH2
3.4
3.7
--
V
Supply current
VDD= 3.9V,V-= 0V
IDD
--
3
5
µA
Standby current
VDD= 2.0V
Istandby
--
--
0.1
µA


Similar Part No. - TS2208A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2208ACX6 TSC-TS2208ACX6 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
More results

Similar Description - TS2208A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
   Li-Ion/Polymer Battery for one-cell Protector
logo
List of Unclassifed Man...
PD3032 ETC1-PD3032 Datasheet
44Kb / 1P
   Li-ion Rechargeable Battery
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com