Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB88153A Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. MB88153A
Description  Spread Spectrum Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88153A Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB88153A Datasheet HTML 1Page - Fujitsu Component Limited. MB88153A Datasheet HTML 2Page - Fujitsu Component Limited. MB88153A Datasheet HTML 3Page - Fujitsu Component Limited. MB88153A Datasheet HTML 4Page - Fujitsu Component Limited. MB88153A Datasheet HTML 5Page - Fujitsu Component Limited. MB88153A Datasheet HTML 6Page - Fujitsu Component Limited. MB88153A Datasheet HTML 7Page - Fujitsu Component Limited. MB88153A Datasheet HTML 8Page - Fujitsu Component Limited. MB88153A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MB88153A
2
■ PRODUCT LINEUP
MB88153A has four kinds of modulation rate and modulation type (center spread/down spread).
■ PIN ASSIGNMENT
■ PIN DESCRIPTION
Product
Modulation rate
Modulation type
MB88153A-100
−1.0%
Down spread
MB88153A-101
−3.0%
MB88153A-110
±0.5%
Center spread
MB88153A-111
±1.5%
Pin name
I/O
Pin no.
Description
CKIN
I
1
Clock input pin
VDD
2
Power supply voltage pin
VSS
3GND pin
CKOUT
O
4
Modulated clock output pin
“L” output at power down
ENS
I
5
Modulation enable setting pin
FREQ1
I
6
Frequency setting pin
FREQ0
I
7
Frequency setting pin (with pull-up resistor)
XPD
I
8
Power down pin (with pull-up resistor)
Power down at “L” input
1
2
3
4
8
7
6
5
CKIN
VDD
VSS
CKOUT
XPD
FREQ0
FREQ1
ENS
TOP VIEW
MB88153A
FPT-8P-M02


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88152A-100Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY2544Quad PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn