Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88152A-100 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. MB88152A-100
Description  Spread Spectrum Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88152A-100 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS04-29125-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2006-2007 FUJITSU LIMITED All rights reserved
Spread Spectrum Clock Generator
MB88152A
MB88152A-100/101/102/110/111/112
■ DESCRIPTION
MB88152A is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary
radiation noise (EMI) can be attenuated by making the oscillation frequency slightly modulate periodically with
the internal modulator. It corresponds to both of the center spread which modulates input frequency as Middle
Centered and down spread which modulates so as not to exceed input frequency.
■ FEATURES
• Input frequency : 16.6 MHz to 134 MHz
• Output frequency : 16.6 MHz to 134 MHz
• Modulation rate :
± 0.5%, ± 1.5% (Center spread), − 1.0%, − 3.0% (Down spread)
• Equipped with oscillation circuit: Range of oscillation 16.6 MHz to 48 MHz
• Modulation clock output Duty : 40
% to 60%
• Modulation clock Cycle-Cycle Jitter : Less than 100 ps
• Low current consumption by CMOS process : 5.0 mA (24 MHz : Typ-sample, no load)
• Power supply voltage : 3.3 V
± 0.3 V
• Operating temperature :
− 40 °C to +85 °C
• Package : SOP 8-pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY2544Quad PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY2545Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn