Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3879 Datasheet(PDF) 17 Page - Fujitsu Component Limited.

Part # MB3879
Description  DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3879 Datasheet(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB3879 Datasheet HTML 13Page - Fujitsu Component Limited. MB3879 Datasheet HTML 14Page - Fujitsu Component Limited. MB3879 Datasheet HTML 15Page - Fujitsu Component Limited. MB3879 Datasheet HTML 16Page - Fujitsu Component Limited. MB3879 Datasheet HTML 17Page - Fujitsu Component Limited. MB3879 Datasheet HTML 18Page - Fujitsu Component Limited. MB3879 Datasheet HTML 19Page - Fujitsu Component Limited. MB3879 Datasheet HTML 20Page - Fujitsu Component Limited. MB3879 Datasheet HTML 21Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
MB3879
17
(Continued)
AV
φ
Ta
= +25 °C
40
20
0
−20
−40
180
90
0
−90
−180
10 k
100 k
1 M
10 M
1 k
+
42
41
40
+
IN
10 k
10 k
2.4 k
1
µF
2.1 V
Error Amp2
VCC
= 19 V
240 k
OUT
AV
φ
Ta
= +25 °C
40
20
0
−20
−40
180
90
0
−90
−180
10 k
100 k
1 M
10 M
1 k
+
+
16
18
23
+
IN
10 k
10 k
10 k
10 k
2.4 k
1
µF
4.2 V
Error Amp2
VCC
= 19 V
240 k
OUT
2.5 V
19
Error amplifier gain, phase vs.
Frequency (Error Amp2)
Frequency f (Hz)
Error amplifier gain, phase vs.
Frequency (Error Amp3)
Frequency f (Hz)


Similar Part No. - MB3879

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
More results

Similar Description - MB3879

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
   DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
   DC/DC Converter ICfor Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com