Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TISP61089S Datasheet(PDF) 3 Page - Power Innovations Ltd

Part No. TISP61089S
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

TISP61089S Datasheet(HTML) 3 Page - Power Innovations Ltd

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PR O D UC T
I N FO R M A T IO N
3
JULY 1999
TISP61089S
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
electrical characteristics, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID
Off-state current
VD =VDRM, IG =0
TJ = 25°C
-5
µA
TJ = 85°C
-50
µA
V(BO)
Breakover voltage
2/10 µs, IT =-56 A, RS =45 Ω, VGG =-48 V, CG = 220 nF
2/10 µs, IT = -100 A, RS =50 Ω, VGG =-48 V, CG = 220 nF
1.2/50 µs, IT = -53 A, RS =47 Ω, VGG =-48 V, CG = 220 nF
1.2/50 µs, IT = -96 A, RS =52 Ω, VGG =-48 V, CG = 220 nF
-57
-60
-60
-64
V
VF
Forward voltage
IF = 5 A, tw = 200 µs
3V
VFRM
Peak forward recovery
voltage
2/10 µs, IF =56 A, RS =45 Ω, VGG =-48 V, CG = 220 nF
2/10 µs, IF = 100 A, RS =50 Ω, VGG =-48 V, CG = 220 nF
1.2/50 µs, IF =53 A, RS =47 Ω, VGG =-48 V, CG = 220 nF
1.2/50 µs, IF =96 A, RS =52 Ω, VGG =-48 V, CG = 220 nF
6
8
8
12
V
IH
Holding current
IT = -1 A, di/dt = 1A/ms, VGG = -48 V
-150
mA
IGKS
Gate reverse current
VGG =VGK =VGKRM, VKA =0
TJ = 25°C
-5
µA
TJ = 85°C
-50
µA
IGT
Gate trigger current
IT = 3 A, tp(g) ≥ 20 µs, VGG =-48 V
5
mA
VGT
Gate trigger voltage
IT = 3 A, tp(g) ≥ 20 µs, VGG =-48 V
2.5
V
QGS
Gate switching charge
1.2/50 µs, IT =53 A, RS =47 Ω, VGG = -48 V CG = 220 nF
0.1
µC
CAK
Anode-cathode off-
state capacitance
f= 1 MHz, Vd =1 V, IG = 0, (see Note 3)
VD = -3 V
100
pF
VD =-48 V
50
pF
NOTE
3: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
TA = 25 °C, EIA/JESD51-3 PCB,
EIA/JESD51-2 environment, IT = ITSM(900)
105
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn