Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP61089A Datasheet(PDF) 12 Page - Power Innovations Ltd

Part # TISP61089A
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP61089A Datasheet(HTML) 12 Page - Power Innovations Ltd

Back Button TISP61089A Datasheet HTML 8Page - Power Innovations Ltd TISP61089A Datasheet HTML 9Page - Power Innovations Ltd TISP61089A Datasheet HTML 10Page - Power Innovations Ltd TISP61089A Datasheet HTML 11Page - Power Innovations Ltd TISP61089A Datasheet HTML 12Page - Power Innovations Ltd TISP61089A Datasheet HTML 13Page - Power Innovations Ltd TISP61089A Datasheet HTML 14Page - Power Innovations Ltd TISP61089A Datasheet HTML 15Page - Power Innovations Ltd TISP61089A Datasheet HTML 16Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TISP61089A
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
12
JUNE 1999
P R OD U C T
INF O RMA T ION
Using a 25
Ω series resistor will result in table 5. I
TM column values of 2x24, 2x7.7, 2x5.7, 2x11, 2x0.47, 2x1.4
and 2x2.9. The TISP61089A will probably fail for a peak current level of 2x24 A and the series current limiting
element must operate in under 0.1 s to prevent exceeding the TISP61089A package limit. For 2x7.7 A, the
series current limiting element must operate within 0.35 s for TISP61089A survival.
section 4.5.15 - second-level power fault testing with wiring simulator
The purpose of this test is to ensure that the telephone cable does not become a hazard due to excessive
current. A series fuse, type MDQ 1-6/10A, simulates the safe current levels of a telephone cable. If this fuse
opens the equipment fails the test. For the equipment to pass, the equipment series overcurrent element must
reduce the current to below the MDQ 1-6/10A fusing level to prevent the simulator operating. The a.c. test
voltage can range from zero to 600 V, which gives a maximum conductor current of 10 A. Table 6 shows the
simulator fusing times for three current levels.
Using a 25
Ω series resistor will result in table 6. I
TM column values of 2x3.1, 2x9.4 and 2x19. Simulator
operating times will be
∞, 12 s and 0.4 s respectively
For the equipment to pass this test, the TISP61089A series current limiting element must operate before the
MDQ 1-6/10A fusing times shown in table 7.
overcurrent protection
To meet ‘1089, the overcurrent protection must be coordinated with the requirements of sections 4.5.7, 4.5.8,
4.5.9, 4.5.12, 4.5.13, 4.5.15 and the TISP61089A. The overcurrent protection must not fail in the first level
tests of sections 4.5.7, 4.5.9 and 4.5.12. Recoverable overcurrent protectors (e.g. Positive Temperature
Coefficient Resistors) may operate during first level testing, but normal equipment working must be restored
table 6. second-level power fault currents with MDQ 1-6/10A fuse
A.C.
DURATION
s
OPEN-CIRCUIT
RMS VOLTAGE
V
SHORT-
CIRCUIT
CURRENT
A
SOURCE
RESISTANCE
TOTAL
CIRCUIT
RESISTANCE
ITRMS
A
ITM
A
TIME
TO
OPEN
s
1000
100
5
20
60
1.7
2.4
1000
300
15
20
60
5.0
7.1
30
1000
600
30
20
60
10
14
0.7
table 7. operating times of MDQ 1-6/10A fuse
TIME TO
OPERATE
s
IRMS
A
0.2
17
0.5
12
19
57
10
6.8
1000
2.5


Similar Part No. - TISP61089A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
TISP61089ADR BOURNS-TISP61089ADR Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089ADR-S BOURNS-TISP61089ADR-S Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
More results

Similar Description - TISP61089A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com