Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM245R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # UM245R
Description  USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM245R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button UM245R Datasheet HTML 8Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 9Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 10Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 11Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 12Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 13Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 14Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 15Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
UM245R USB-Parallel FIFO Development Module Datasheet Version 1.02
© Future Technology Devices International Ltd. 2005
Page 12
5.3 EEPROM Reliability Characteristics
The internal 1024 bit EEPROM has the following reliability characteristics-
Table 16 - EEPROM Characteristics
Parameter Description
Value
Unit
Data Retention
15
Years
Read / Write Cycles
100,000
Cycles
5.4 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics.
Table 17 - Internal Clock Characteristics
Parameter
Value
Unit
Min
Typical
Max
Frequency of Operation
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%


Similar Part No. - UM245R

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM2427 UNITPOWER-UM2427 Datasheet
739Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
logo
STMicroelectronics
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
   SPC584B-DIS Discovery Board
April 2020
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
   SPC584B-DISP Discovery Board
March 2020
More results

Similar Description - UM245R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT232R FTDI-FT232R Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
logo
Freescale Semiconductor...
USB-KW019032 FREESCALE-USB-KW019032 Datasheet
860Kb / 27P
   USB-KW019032 Freescale USB Dongle Development Board
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
   USB Dongle Module
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com