Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM245R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # UM245R
Description  USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM245R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button UM245R Datasheet HTML 6Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 7Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 8Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 9Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 10Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 11Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 12Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 13Page - Future Technology Devices International Ltd. UM245R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UM245R USB-Parallel FIFO Development Module Datasheet Version 1.02
© Future Technology Devices International Ltd. 2005
Page 10
5. Device Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT245R devices are as follows. These are in accordance with the Absolute
Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the device.
Table 6 - Absolute Maximum Ratings
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
( 30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL
Level 3 Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees C.
Vcc Supply Voltage
-0.5 to +6.00
V
D.C. Input Voltage - USBDP and USBDM
-0.5 to +3.8
V
D.C. Input Voltage - High Impedance Bidirectionals
-0.5 to +(Vcc +0.5)
V
D.C. Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
D.C. Output Current - Outputs
24
mA
DC Output Current - Low Impedance Bidirectionals
24
mA
Power Dissipation (Vcc = 5.25V)
500
mW
* If devices are stored out of the packaging beyond this time limit the devices should be baked before use. The
devices should be ramped up to a temperature of 125°C and baked for up to 17 hours.
5.2 DC Characteristics
DC Characteristics ( Ambient Temperature = -40 to 85oC )
Table 7 - Operating Voltage and Current
Parameter Description
Min
Typ
Max
Units
Conditions
Vcc1
VCC Operating Supply Voltage
3.3
-
5.25
V
Vcc2
VCCIO Operating Supply Voltage
1.8
-
5.25
V
Icc1
Operating Supply Current
-
15
-
mA
Normal Operation
Icc2
Operating Supply Current
50
70
100
μA
USB Suspend*
Table 8 - FIFO Interface and Control Bus Pin Characteristics (VCCIO = 5.0V, Standard Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2mA
Vin
Input Switching Threshold
1.3
1.6
1.9
V
**
VHys
Input Switching Hysteresis
50
55
60
mV
**
Table 9 - FIFO Interface and Control Bus Pin Characteristics (VCCIO = 3.3V, Standard Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.2
2.7
3.2
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching Hysteresis
20
25
30
mV
**


Similar Part No. - UM245R

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM2427 UNITPOWER-UM2427 Datasheet
739Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
   P-Ch 20V Fast Switching MOSFETs
logo
STMicroelectronics
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
   SPC584B-DIS Discovery Board
April 2020
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
   SPC584B-DISP Discovery Board
March 2020
More results

Similar Description - UM245R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT232R FTDI-FT232R Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
logo
Freescale Semiconductor...
USB-KW019032 FREESCALE-USB-KW019032 Datasheet
860Kb / 27P
   USB-KW019032 Freescale USB Dongle Development Board
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
   USB Dongle Module
logo
List of Unclassifed Man...
USBMOD4 ETC2-USBMOD4 Datasheet
241Kb / 12P
   USB Plug and Play Parallel 8-Bit FIFO Development Module (Second Generation)
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
UMFT240XE FTDI-UMFT240XE Datasheet
813Kb / 18P
   UMFT240XE USB to 8-bit 245 FIFO Development Module
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com