Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW60AA Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RQ5RW60AA
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW60AA Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RQ5RW60AA Datasheet HTML 2Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 3Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 4Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 5Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 6Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 7Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 8Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 9Page - RICOH electronics devices division RQ5RW60AA Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rx5RW
6
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
Topt
=25°C
Output Voltage
Output Current
Load Regulation
Dropout Voltage
VOUT (V)
IOUT (mA)
∆VOUT/∆IOUT (mV)
VDIF (mV)
Part
Number
Condi-
tions
Min.
Typ.
Max.
Condi-
tions
Min.
Typ.
Condi-
tions
Typ.
Max.
Condi-
tions
Typ.
Max.
Rx5RW15
1.470
1.500
1.530
120
200
Rx5RW16
1.568
1.600
1.632
Rx5RW17
1.666
1.700
1.734
Rx5RW18
1.764
1.800
1.836
Rx5RW19
1.862
1.900
1.938
90
135
Rx5RW20
1.960
2.000
2.040
Rx5RW21
2.058
2.100
2.142
Rx5RW22
2.156
2.200
2.244
Rx5RW23
2.254
2.300
2.346
60
90
Rx5RW24
2.352
2.400
2.448
Rx5RW25
2.450
2.500
2.550
Rx5RW26
2.548
2.600
2.652
Rx5RW27
2.646
2.700
2.754
50
75
Rx5RW28
2.744
2.800
2.856
Rx5RW29
2.842
2.900
2.958
35
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
35mA
30
45
Rx5RW30
2.940
3.000
3.060
Rx5RW31
3.038
3.100
3.162
40
60
Rx5RW32
3.136
3.200
3.264
Rx5RW33
3.234
3.300
3.366
Rx5RW34
3.332
3.400
3.468
Rx5RW35
3.430
3.500
3.570
35
55
Rx5RW36
3.528
3.600
3.672
Rx5RW37
3.626
3.700
3.774
Rx5RW38
3.724
3.800
3.876
Rx5RW39
3.822
3.900
3.978
50
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
50mA
40
60
30
45
Rx5RW40
3.920
4.000
4.080
Rx5RW41
4.018
4.100
4.182
Rx5RW42
4.116
4.200
4.284
Rx5RW43
4.214
4.300
4.386
Rx5RW44
4.312
4.400
4.488
Rx5RW45
4.410
4.500
4.590
Rx5RW46
4.508
4.600
4.692
Rx5RW47
4.606
4.700
4.794
Rx5RW48
4.704
4.800
4.896
Rx5RW49
4.802
4.900
4.998
65
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
65mA
50
70
Rx5RW50
4.900
5.000
5.100
Rx5RW51
4.998
5.100
5.202
Rx5RW52
5.096
5.200
5.304
Rx5RW53
5.194
5.300
5.406
Rx5RW54
5.292
5.400
5.508
Rx5RW55
5.390
5.500
5.610
Rx5RW56
5.488
5.600
5.712
Rx5RW57
5.586
5.700
5.814
Rx5RW58
5.684
5.800
5.916
Rx5RW59
5.782
5.900
6.018
Rx5RW60
VIN-VOUT
=2.0V
10
µA <
=
IOUT <
=
10mA
5.880
6.000
6.120
VIN-VOUT
=2.0V
80
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
80mA
60
90
IOUT
=
1mA
25
40


Similar Part No. - RQ5RW60AA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW60AA RICOH-RQ5RW60AA Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW60AA-TR RICOH-RQ5RW60AA-TR Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW60AA-TR-FE RICOH-RQ5RW60AA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
More results

Similar Description - RQ5RW60AA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com