Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP5070H3BJ Datasheet(PDF) 14 Page - Power Innovations Ltd

Part # TISP5070H3BJ
Description  FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP5070H3BJ Datasheet(HTML) 14 Page - Power Innovations Ltd

Back Button TISP5070H3BJ Datasheet HTML 7Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 8Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 9Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 10Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 11Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 12Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 13Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 14Page - Power Innovations Ltd TISP5070H3BJ Datasheet HTML 15Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TISP5070H3BJ, TISP5080H3BJ, TISP5110H3BJ, TISP5150H3BJ
FORWARD-CONDUCTING
UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
14
JANUARY 1998 - REVISED MARCH 1999
P R OD U C T
INF O RMA T ION
MECHANICAL DATA
tape dimensions
SMB Package Single-Sprocket Tape
ALL LINEAR DIMENSIONS IN MILLIMETERS
Direction of Feed
0,40 MAX.
4,5 MAX.
0 MIN.
12,30
11,70
1,65
1,55
4,10
3,90
2,05
1,95
ø 1,5 MIN.
7,90
8,10
Embossment
Carrier Tape
5,55
5,45
1,85
1,65
Cover
Tape
8,20
MAX.
NOTES: A. The clearance between the component and the cavity must be within 0,05 mm MIN. to 0,65 mm MAX. so that the
component cannot rotate more than 20° within the determined cavity.
B. Taped devices are supplied on a reel of the following dimensions:-
Reel diameter:
330 ±3,0 mm
Reel hub diameter 75 mm MIN.
Reel axial hole:
13,0 ±0,5 mm
C. 3000 devices are on a reel.
MDXXBJ
20°
Typical component
cavity centre line
Maximium component
rotation
Typical component
centre line
Index
Mark


Similar Part No. - TISP5070H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP5070H3BJ BOURNS-TISP5070H3BJ Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJ BOURNS-TISP5070H3BJ Datasheet
321Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJR BOURNS-TISP5070H3BJR Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJR-S BOURNS-TISP5070H3BJR-S Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJ BOURNS-TISP5070H3BJ_07 Datasheet
321Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP5070H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP5070H3BJ BOURNS-TISP5070H3BJ_07 Datasheet
321Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5XXXH3BJ BOURNS-TISP5XXXH3BJ Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1072F3 BOURNS-TISP1072F3_08 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com