Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP103Q191D Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP103Q191D
Description  LOW NOISE 150mA LDO REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103Q191D Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP103Q191D Datasheet HTML 1Page - RICOH electronics devices division RP103Q191D Datasheet HTML 2Page - RICOH electronics devices division RP103Q191D Datasheet HTML 3Page - RICOH electronics devices division RP103Q191D Datasheet HTML 4Page - RICOH electronics devices division RP103Q191D Datasheet HTML 5Page - RICOH electronics devices division RP103Q191D Datasheet HTML 6Page - RICOH electronics devices division RP103Q191D Datasheet HTML 7Page - RICOH electronics devices division RP103Q191D Datasheet HTML 8Page - RICOH electronics devices division RP103Q191D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
RP103x
5
ELECTRICAL CHARACTERISTICS
RP103xxx1B/D
VIN
=Set VOUT+1V for VOUT options greater than 1.5V. VIN=2.5V for VOUT <
= 1.5V.
IOUT
=1mA, CIN=COUT=0.47µF, unless otherwise noted.
values indicate -40°C <
= Ta <
= 85°C, unless otherwise noted.
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT > 2.0V
×0.99
×1.01
V
Topt
=25°C
VOUT <
= 2.0V
−20
+20
mV
VOUT > 2.0V
×0.985
×1.015
V
VOUT
Output Voltage
-40
°C <
= Topt <
= 85°C
VOUT <
= 2.0V
−30
+30
mV
IOUT
Output Current
150
mA
∆VOUT/
∆IOUT
Load Regulation
1mA <
= IOUT <
= 150mA
10
30
mV
1.2V <
= VOUT < 1.5V
0.50
0.62
1.5V <
= VOUT < 1.7V
0.38
0.47
1.7V <
= VOUT < 2.0V
0.34
0.42
2.0V <
= VOUT < 2.5V
0.28
0.36
2.5V <
= VOUT < 2.8V
0.22
0.30
VDIF
Dropout Voltage
IOUT
=150mA
2.8V <
= VOUT <
= 3.3V
0.21
0.27
V
ISS
Supply Current
IOUT
=0mA
36
50
µA
Istandby
Supply Current (Standby)
VCE
=0V
0.1
1.0
µA
∆VOUT/
∆VIN
Line Regulation
Set VOUT
+0.5V <
= VIN <
= 5.0V
0.02
0.10
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V, IOUT=30mA
(In case that VOUT <
= 2.0V, VIN=3.0V)
75
dB
VIN
Input Voltage*
1.7
5.25
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±30
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
40
mA
IPD
CE Pull-down Current
0.3
µA
VCEH
CE Input Voltage "H"
1.5
V
VCEL
CE Input Voltage "L"
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
IOUT
=30mA
60
µVrms
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
=4.0V
VCE
=0V
30
*) When Input Voltage is 5.5V, the total operational time must be within 500hrs.


Similar Part No. - RP103Q191D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103Q121B-TR-FE RICOH-RP103Q121B-TR-FE Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP103Q121D-TR-FE RICOH-RP103Q121D-TR-FE Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP103Q122B-TR-FE RICOH-RP103Q122B-TR-FE Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP103Q122D-TR-FE RICOH-RP103Q122D-TR-FE Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP103Q151B-TR-FE RICOH-RP103Q151B-TR-FE Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results

Similar Description - RP103Q191D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com