Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA10100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRA10100
Description  10.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRA10100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRA10100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRA10100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 106 -
Version: B07
SRA1020 - SRA10150
10.0 AMPS. Schottky Barrier Rectifiers
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: TO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260oC/10 seconds/ .25”,(6.35mm) from
case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRA
1020
SRA
1030
SRA
1040
SRA
1050
SRA
1060
SRA
1090
SRA
10100
SRA
10150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified
Current @Tc=110 oC
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
170
A
M
aximum Instantaneous Forward Voltage
@ 10A
VF
0.55
0.70
0.85
0.95
V
0.5
0.1
Maximum D.C. Reverse Current @ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
400
pF
Typical Thermal Resistance (Note 1)
RθJC
2.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes: 1. Mounted on Heatsink Size of 2” x 3“ x 0.25” Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SRA10100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA10100 TSC-SRA10100 Datasheet
588Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA10100 TSC-SRA10100 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRA10100 LUGUANG-SRA10100 Datasheet
213Kb / 2P
   10.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA10100 TSC-SRA10100 Datasheet
228Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRA10100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020_1 Datasheet
218Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com