Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRAF520 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. SRAF520
Description  Isolated 5.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

SRAF520 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 90 -
Version: B07
SRAF520 - SRAF5150
Isolated 5.0 AMPS. Schottky Barrier Rectifiers
ITO-220AC
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
.043(1.1)
.020(0.5)
.035(0.9)
.055(1.4)
.030(0.76)
.020(0.50)
2
PIN 1
PIN 2
Case Positive
CASE
Features
Isolated Plastic package.
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method
208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260oC/10 seconds/.25”,(6.35mm) from
case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRAF
520
SRAF
530
SRAF
540
SRAF
550
SRAF
560
SRAF
590
SRAF
5100
SRAF
5150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
120
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.55
0.70
0.85
0.95
V
0.5
0.2
Maximum D.C. Reverse Current @ Tc=25
oC
at Rated DC Blocking Voltage @ Tc=125
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
460
112
pF
Typical Thermal Resistance (Note 1)
RθJC
5.0
10
o
C/W
Operating Junction Temperature Range
TJ
-65 to +150
o
C
Storage Temperature Range
T
STG
-65 to +150
o
C
Notes:
1. Thermal Resistance from Junction to Case Per Leg
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MBRF835CTIsolated 8.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1035_1Isolated 10.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1035CTIsolated 10.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1535CT_1Isolated 15.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1635_1Isolated 16.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF2035Isolated 20.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SK52B_15.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF2035CTIsolated 20.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SK52C5.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SR5025.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn