Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP102N261D Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP102N261D
Description  LOW NOISE 300mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102N261D Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP102N261D Datasheet HTML 2Page - RICOH electronics devices division RP102N261D Datasheet HTML 3Page - RICOH electronics devices division RP102N261D Datasheet HTML 4Page - RICOH electronics devices division RP102N261D Datasheet HTML 5Page - RICOH electronics devices division RP102N261D Datasheet HTML 6Page - RICOH electronics devices division RP102N261D Datasheet HTML 7Page - RICOH electronics devices division RP102N261D Datasheet HTML 8Page - RICOH electronics devices division RP102N261D Datasheet HTML 9Page - RICOH electronics devices division RP102N261D Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
RP102x
6
TYPICAL APPLICATION
C1
RP102x
Series
VDD
VOUT
CE
GND
C2
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP102N261D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102N261D RICOH-RP102N261D Datasheet
25Kb / 1P
   MARK SPECIFICATION
More results

Similar Description - RP102N261D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com