Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101K301B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP101K301B
Description  LOW NOISE 300mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K301B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP101K301B Datasheet HTML 6Page - RICOH electronics devices division RP101K301B Datasheet HTML 7Page - RICOH electronics devices division RP101K301B Datasheet HTML 8Page - RICOH electronics devices division RP101K301B Datasheet HTML 9Page - RICOH electronics devices division RP101K301B Datasheet HTML 10Page - RICOH electronics devices division RP101K301B Datasheet HTML 11Page - RICOH electronics devices division RP101K301B Datasheet HTML 12Page - RICOH electronics devices division RP101K301B Datasheet HTML 13Page - RICOH electronics devices division RP101K301B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
RP101x
10
4) Output Voltage vs. Temperature (C1
=1.0µF, C2=1.0µF, I
OUT
=1mA)
RP101x12xx
RP101x25xx
1.15
1.25
1.21
1.20
1.23
1.22
1.24
1.16
1.17
1.18
1.19
-40
75
50
025
-25
85
Temperature Topt (
°C)
VIN=2.2V
2.45
2.55
2.51
2.50
2.53
2.52
2.54
2.46
2.47
2.48
2.49
-40
75
50
025
-25
85
Temperature Topt (
°C)
VIN=3.5V
RP101x33xx
3.25
3.35
3.31
3.30
3.33
3.32
3.34
3.26
3.27
3.28
3.29
-40
75
50
025
-25
85
Temperature Topt (
°C)
VIN=4.3V
5) Supply Current vs. Temperature (C1
=1.0µF, C2=1.0µF, I
OUT
=0mA)
RP101x12xx
RP101x25xx
0
30
20
25
5
10
15
-40
75
50
025
-25
85
Temperature Topt (
°C)
VIN=2.2V
0
30
20
25
5
10
15
-40
75
50
025
-25
85
Temperature Topt (
°C)
VIN=3.5V


Similar Part No. - RP101K301B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K301B-TR RICOH-RP101K301B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results

Similar Description - RP101K301B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com