Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR20150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR20150
Description  20.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR20150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR20150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR20150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 142 -
Version: B07
SR2020 - SR20150
20.0 AMPS. Schottky Barrier Rectifiers
TO-220AB
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free.
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .25”,(6.35mm) from
case.
Mounting torque: 5 in – lbs. max.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SR
2020
SR
2030
SR
2040
SR
2050
SR
2060
SR
2090
SR
20100
SR
20150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 10A
VF
0.55
0.70
0.90
1.00
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
430
360
pF
Typical Thermal Resistance (Note 1)
RθJC
1.0
oC/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4”x6”x0.25”)
Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR20150

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR20150 MIC-SR20150 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR20150 SAMYANG-SR20150 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SR20150 SECOS-SR20150 Datasheet
130Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SR20150 JINANJINGHENG-SR20150 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SR20150 TSC-SR20150 Datasheet
593Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR20150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020_10 Datasheet
565Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT Datasheet
98Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com