Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2030PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR2030PT
Description  20.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR2030PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR2030PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR2030PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 152 -
Version: B07
SR2020PT - SR20150PT
20.0 AMPS. Schottky Barrier Rectifiers
TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge capability
Epitaxial construction
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for transient protection
High temperature soldering guaranteed:
260
oC/10seconds,0.17”(4.3mm)lead lengths at 5
lbs., (2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
2020
PT
SR
2030
PT
SR
2040
PT
SR
2050
PT
SR
2060
PT
SR
2090
PT
SR
2100
PT
SR
2150
PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90 100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70 105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90 100 150
V
Maximum Average Forward Rectified
Current at Tc=105 oC
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage @10.0A
(Note 3)
VF
0.55
0.70
0.92
1.02
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
600
400
350
pF
Typical Thermal Resistance Per Leg (Note 1)
RθJC
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size of 4” x 6” x 0.25”
Al-Plate.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
3. 300 us Pulse Width, 2% Duty Cycle


Similar Part No. - SR2030PT

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
SR2030PT HORNBY-SR2030PT Datasheet
290Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2030PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020_10 Datasheet
565Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT Datasheet
98Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com