Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR3020PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR3020PT
Description  30.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR3020PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR3020PT_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR3020PT_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 164 -
Version: B07
SR3020PT - SR30150PT
30.0 AMPS. Schottky Barrier Rectifiers
TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge capability
Epitaxial construction
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
High temperature soldering guaranteed:
260
oC/10seconds,0.17”(4.3mm)lead lengths at 5 lbs.,
(2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
3020
PT
SR
3030
PT
SR
3040
PT
SR
3050
PT
SR
3060
PT
SR
3090
PT
SR
30100
PT
SR
30150
PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at Tc=100oC
I(AV)
30
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
300
A
Maximum Instantaneous Forward Voltage @ 15.0A
(Note 3)
VF
0.55
0.70
0.90
1.00
V
1.0
0.5
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
20
15
10
mA
mA
Typical Junction Capacitance (Note 2)
Cj
750
500
340
pF
Typical Thermal Resistance Per Leg (Note 1)
RθJC
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4” x 6” x 0.25”) Al-Plate.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
3. 300 us Pulse Width, 2% Duty Cycle


Similar Part No. - SR3020PT_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT_10 Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_14 Datasheet
219Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SR3020PT_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_1 Datasheet
357Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT_10 Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_10 Datasheet
490Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBR3090CT EMMICRO-MBR3090CT Datasheet
818Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT_11 Datasheet
180Kb / 2P
   30.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com