Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1620PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR1620PT
Description  16.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1620PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR1620PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1620PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 136 -
Version: B07
SR1620PT - SR16150PT
16.0 AMPS. Schottky Barrier Rectifiers
TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
Metal silicon junction, majority carrier
conduction
Low power loss, high efficiency
High current capability, low VF
High surge capability
Epitaxial construction
For use in low voltage, high frequency
inverters, free wheeling, and polarity protection
applications
Guardring for transient protection
High temperature soldering guaranteed:
260
oC/10 seconds, 0.17”(4.3mm)lead lengths
at 5 lbs., (2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded
plastic
Terminals: Pure tin plated, lead free. solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SR
1620
PT
SR
1630
PT
SR
1640
PT
SR
1650
PT
SR
1660
PT
SR
1690
PT
SR
16100
PT
SR
16150
PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified
Current (See Fig. 1)
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage @ 8.0A
(Note 3)
VF
0.55
0.70
0.90
1.00
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5
mA
mA
Typical Junction Capacitance (Note 2)
Cj
700
400
pF
Typical Thermal Resistance Per Leg (Note 1)
RθJC
3.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Thermal Resistance from Junction to Case Per Leg, Mount on Heatsink size of 2” x 3” x 0.25”
Al-Plate.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
3. 300 us Pulse Width, 2% Duty Cycle


Similar Part No. - SR1620PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
620Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
215Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SR1620PT HORNBY-SR1620PT Datasheet
283Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SR1620PT TSC-SR1620PT_10 Datasheet
620Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR1620PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_1 Datasheet
179Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_10 Datasheet
609Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com