Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ24 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ24
Description  Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ24 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMCJ24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ24 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 608 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
SMCJ5.0
GDD
6.40 / 7.3
10.0
5.0
1000
164.0
9.6
SMCJ5.0A
GDE
6.40 / 7.0
10.0
5.0
1000
171.0
9.2
SMCJ6.0
GDF
6.67 / 8.15
10.0
6.0
1000
138.0
11.4
SMCJ6.0A
GDG
6.67 / 7.37
10.0
6.0
1000
152.0
10.3
SMCJ6.5
GDH
7.22 / 8.82
10.0
6.5
500
128.0
12.3
SMCJ6.5A
GDK
7.22 / 7.98
10.0
6.5
500
140.0
11.2
SMCJ7.0
GDL
7.78 / 9.51
10.0
7.0
200
118.0
13.3
SMCJ7.0A
GDM
7.78 / 8.60
10.0
7.0
200
131.0
12.0
SMCJ7.5
GDN
8.33 / 10.3
1.0
7.5
100
110.0
14.3
SMCJ7.5A
GDP
8.33 / 9.21
1.0
7.5
100
122.0
12.9
SMCJ8.0
GDQ
8.89 / 10.9
1.0
8.0
50
105.0
15.0
SMCJ8.0A
GDR
8.89 / 9.83
1.0
8.0
50
115.0
13.6
SMCJ8.5
GDS
9.44 / 11.5
1.0
8.5
20
99.0
15.9
SMCJ8.5A
GDT
9.44 / 10.4
1.0
8.5
20
109.0
14.4
SMCJ9.0
GDU
10.0 / 12.2
1.0
9.0
10
93.0
16.9
SMCJ9.0A
GDV
10.0 / 11.1
1.0
9.0
10
102.0
15.4
SMCJ10
GDW
11.1 / 13.6
1.0
10.0
5.0
83.0
18.8
SMCJ10A
GDX
11.1 / 12.3
1.0
10.0
5.0
92.0
17.0
SMCJ11
GDY
12.2 / 14.9
1.0
11.0
5.0
78.0
20.1
SMCJ11A
GDZ
12.2 / 13.5
1.0
11.0
5.0
86.0
18.2
SMCJ12
GED
13.3 / 16.3
1.0
12.0
5.0
71.0
22.0
SMCJ12A
GEE
13.3 / 14.7
1.0
12.0
5.0
79.0
19.9
SMCJ13
GEF
14.4 / 17.6
1.0
13.0
5.0
66.0
23.8
SMCJ13A
GEG
14.4 / 15.9
1.0
13.0
5.0
73.0
21.5
SMCJ14
GEH
15.6 / 19.1
1.0
14.0
5.0
61.0
25.8
SMCJ14A
GEK
15.6 / 17.2
1.0
14.0
5.0
67.0
23.2
SMCJ15
GEL
16.7 / 20.4
1.0
15.0
5.0
58.0
26.9
SMCJ15A
GEM
16.7 / 18.5
1.0
15.0
5.0
64.0
24.4
SMCJ16
GEN
17.8 / 21.8
1.0
16.0
5.0
54.0
28.8
SMCJ16A
GEP
17.8 / 19.7
1.0
16.0
5.0
60.0
26.0
SMCJ17
GEQ
18.9 / 23.1
1.0
17.0
5.0
51.0
30.5
SMCJ17A
GER
18.9 / 20.9
1.0
17.0
5.0
57.0
27.6
SMCJ18
GES
20.0 / 24.4
1.0
18.0
5.0
48.0
32.2
SMCJ18A
GET
20.0 / 22.1
1.0
18.0
5.0
53.0
29.2
SMCJ20
GEU
22.2 / 27.1
1.0
20.0
5.0
43.0
35.8
SMCJ20A
GEV
22.2 /24.5
1.0
20.0
5.0
48.0
32.4
SMCJ22
GEW
24.4 / 29.8
1.0
22.0
5.0
39.0
39.4
SMCJ22A
GEX
24.4 / 26.9
1.0
22.0
5.0
44.0
35.5
SMCJ24
GEY
26.7 / 32.6
1.0
24.0
5.0
36.0
43.0
SMCJ24A
GEZ
26.7 / 29.5
1.0
24.0
5.0
40.0
38.9
SMCJ26
GFD
28.9 / 35.3
1.0
26.0
5.0
33.0
46.6
SMCJ26A
GFE
28.9 / 31.9
1.0
26.0
5.0
37.0
42.1
SMCJ28
GFF
31.1 / 38.0
1.0
28.0
5.0
31.0
50.0
SMCJ28A
GFG
31.1 / 34.4
1.0
28.0
5.0
34.0
45.4
SMCJ30
GFH
33.3 / 40.7
1.0
30.0
5.0
29.0
53.5
SMCJ30A
GFK
33.3 / 36.8
1.0
30.0
5.0
32.0
48.4
SMCJ33
GFL
36.7 / 44.9
1.0
33.0
5.0
26.0
59.0
SMCJ33A
GFM
36.7 / 40.6
1.0
33.0
5.0
29.0
53.3
SMCJ36
GFN
40.0 / 48.9
1.0
36.0
5.0
24.0
64.3
SMCJ36A
GFP
40.0 / 44.2
1.0
36.0
5.0
27.0
58.1
SMCJ40
GFQ
44.4 / 54.3
1.0
40.0
5.0
22.0
71.4
SMCJ40A
GFR
44.4 / 49.1
1.0
40.0
5.0
24.0
64.5
SMCJ43
GFS
47.8 / 58.4
1.0
43.0
5.0
20.0
76.7
SMCJ43A
GFT
47.8 / 52.8
1.0
43.0
5.0
22.0
69.4


Similar Part No. - SMCJ24

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ24 DCCOM-SMCJ24 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ24 JUXING-SMCJ24 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMCJ24 UNIOHM-SMCJ24 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SMCJ24 ANOVA-SMCJ24 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Diodes Incorporated
SMCJ24 DIODES-SMCJ24 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com