Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP150K015A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP150K015A
Description  LOW NOISE Dual 300mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP150K015A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP150K015A Datasheet HTML 2Page - RICOH electronics devices division RP150K015A Datasheet HTML 3Page - RICOH electronics devices division RP150K015A Datasheet HTML 4Page - RICOH electronics devices division RP150K015A Datasheet HTML 5Page - RICOH electronics devices division RP150K015A Datasheet HTML 6Page - RICOH electronics devices division RP150K015A Datasheet HTML 7Page - RICOH electronics devices division RP150K015A Datasheet HTML 8Page - RICOH electronics devices division RP150K015A Datasheet HTML 9Page - RICOH electronics devices division RP150K015A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RP150K
6
TECHNICAL NOTES
When using these ICs, consider the following points:
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor with a capacitance value as much as 1.0
µF or more as C1 between VDD and GND pin,
and as close as possible to the pins.
Set the output capacitors C2 and C3 for phase compensation, as close as possible to the ICs, and make
wiring as short as possible.
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied.
For this purpose, connect capacitors with a capacitance value as much as 1.0
µF or more as C2 and C3 with
good frequency characteristics and ESR (Equivalent Series Resistance) between VOUT and GND pin, and as
close as possible to the pins.
If you use a tantalum type capacitor and ESR value of the capacitor is large, output might be unstable.
Evaluate your circuit with considering frequency characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit with actual using capacitors.
TYPICAL APPLICATIONS
(External Components)
Output Capacitor; Ceramic Type
C1, C2, C3
1.0
µF
Kyocera
CM05X5R105KD6AB
TDK
C1005JB0J105K
Murata
GRM155B31A105KE15
VOUT2
VOUT1
CE2
RP150
SERIES
CE1
GND
VDD
OUT2
C3
C1
OUT1
C2
IN
1
2
3
8
7
6


Similar Part No. - RP150K015A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
More results

Similar Description - RP150K015A

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com