Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP150K014A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP150K014A
Description  LOW NOISE Dual 300mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP150K014A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP150K014A Datasheet HTML 7Page - RICOH electronics devices division RP150K014A Datasheet HTML 8Page - RICOH electronics devices division RP150K014A Datasheet HTML 9Page - RICOH electronics devices division RP150K014A Datasheet HTML 10Page - RICOH electronics devices division RP150K014A Datasheet HTML 11Page - RICOH electronics devices division RP150K014A Datasheet HTML 12Page - RICOH electronics devices division RP150K014A Datasheet HTML 13Page - RICOH electronics devices division RP150K014A Datasheet HTML 14Page - RICOH electronics devices division RP150K014A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
RP150K
11
4) Output Voltage vs. Temperature
1.5V(VR1/VR2)
2.5V(VR1/VR2)
1.46
1.54
1.48
1.47
1.51
1.50
1.49
1.52
1.53
-50
-25
25
50
0
100
75
VIN=2.5V,IOUT=1mA
Temperature Topt(
°C)
2.46
2.54
2.48
2.47
2.51
2.50
2.49
2.52
2.53
-50
-25
25
50
0
100
75
VIN=3.5V,IOUT=1mA
Temperature Topt(
°C)
3.3V(VR1/VR2)
3.26
3.34
3.28
3.27
3.31
3.30
3.29
3.32
3.33
-50
-25
25
50
0
100
75
VIN=4.3V,IOUT=1mA
Temperature Topt(
°C)
5) Supply Current vs. Temperature
1.5V(VR1/VR2)
2.5V(VR1/VR2)
20
22
21
30
24
23
27
26
25
28
29
-50
-25
25
50
0
100
75
VIN=2.5V,IOUT=1mA
Temperature Topt(
°C)
20
22
21
30
24
23
27
26
25
28
29
-50
-25
25
50
0
100
75
VIN=3.5V,IOUT=1mA
Temperature Topt(
°C)


Similar Part No. - RP150K014A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
More results

Similar Description - RP150K014A

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com