Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX5RW21 Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RX5RW21
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5RW21 Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RX5RW21 Datasheet HTML 9Page - RICOH electronics devices division RX5RW21 Datasheet HTML 10Page - RICOH electronics devices division RX5RW21 Datasheet HTML 11Page - RICOH electronics devices division RX5RW21 Datasheet HTML 12Page - RICOH electronics devices division RX5RW21 Datasheet HTML 13Page - RICOH electronics devices division RX5RW21 Datasheet HTML 14Page - RICOH electronics devices division RX5RW21 Datasheet HTML 15Page - RICOH electronics devices division RX5RW21 Datasheet HTML 16Page - RICOH electronics devices division RX5RW21 Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rx5RW
13
Rx5RW50B
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
Temperature Topt(°C)
-50
-25
0
25
50
75
100
VIN=7.0V
IOUT=10mA
5) Supply Current vs. Input Voltage
Rx5RW30B
Rx5RW40B
1.2
1.1
1.4
1.3
1.6
1.5
1.8
1.7
2.0
1.9
1.0
3
45
6
7
8
Topt=25
°C
Input Voltage VIN(V)
1.2
1.1
1.4
1.3
1.6
1.5
1.8
1.7
2.0
1.9
1.0
4
5678
Topt=25
°C
Input Voltage VIN(V)
Rx5RW50B
1.2
1.1
1.4
1.3
1.6
1.5
1.8
1.7
2.0
1.9
1.0
5
678
Topt=25
°C
Input Voltage VIN(V)


Similar Part No. - RX5RW21

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RX5RW21 NISSHINBO-RX5RW21 Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - RX5RW21

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com