Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP104K281B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP104K281B
Description  150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP104K281B Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP104K281B Datasheet HTML 1Page - RICOH electronics devices division RP104K281B Datasheet HTML 2Page - RICOH electronics devices division RP104K281B Datasheet HTML 3Page - RICOH electronics devices division RP104K281B Datasheet HTML 4Page - RICOH electronics devices division RP104K281B Datasheet HTML 5Page - RICOH electronics devices division RP104K281B Datasheet HTML 6Page - RICOH electronics devices division RP104K281B Datasheet HTML 7Page - RICOH electronics devices division RP104K281B Datasheet HTML 8Page - RICOH electronics devices division RP104K281B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP104x SERIES
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
NO.EA-150-070727
1
OUTLINE
The RP104x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current and low ON-resistance. Each of these ICs consists of a voltage reference unit, an error amplifier,
resistor-net for voltage setting, a current limit circuit and a chip enable circuit.
These ICs perform with ultra low supply current (Typ.1.0µA), which prolong the battery life.
Since the packages for these ICs are PLP1010-4, SOT-23-5 and SC-82AB, therefore high density mounting of
the ICs on boards is possible.
FEATURES
• Supply Current .............................................................Typ. 1.0µA
(Except the current through CE pull down circuit)
• Standby Current ...........................................................Typ. 0.1µA
• Dropout Voltage............................................................Typ. 0.24V (IOUT=150mA, VOUT=2.8V)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±40ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±0.8%
• Packages......................................................................PLP1010-4, SOT-23-5, SC-82AB
• Output Voltage..............................................................1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.5V
2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.2V, 3.3V
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .... 0.1µF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - RP104K281B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104K281B RICOH-RP104K281B Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K281B5 RICOH-RP104K281B5 Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
More results

Similar Description - RP104K281B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com