Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM30CTJ060-3 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM30CTJ060-3
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM30CTJ060-3 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM30CTJ060-3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM30CTJ060-3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM30CTJ060-3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM30CTJ060-3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM30CTJ060-3 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM30CTJ060-3 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aug.1999
VNC
VN1
FO
WN
VN
UN
VWPC WP VWP1 VVPC
VP
VVP1 VUPC
UP
VUP1
GND In
VCC
GND
Out
GND In
VCC
GND
Out
GND In
VCC
GND
Out
SWN OWN SVN
OVN
SUN
OUN
GND VCC
FO
WN
VN
UN
Tc
Tb
GND
NW
V
U
P
10
11
15
14
13
12
7
8
9
4
5
6
1
2
3
16
18
19
20
17
Ratings
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC, UN ·
VN · WN-VNC
Applied between : FO-VNC
Sink current of FO terminal
ICIN
VCES
±IC
±ICP
PC
Tj
MITSUBISHI INTELLIGNET POWER MODULES
PM30CTJ060-3
FLAT-BASE TYPE
INSULATED PACKAGE
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Collector-emitter voltage
Collector current
Collector current (peak)
Collector dissipation
Junction temperature
Conditions
VD = 15V, ICIN = 10mA
TC = 25
°C
TC = 25
°C
TC = 25
°C
Ratings
Unit
V
A
A
W
°C
600
30
60
83
–20 ~ +125*
EQUIVALENT CIRCUIT DIAGRAM
Input current
Conditions
CONTROL PART
Symbol
Parameter
Unit
mA
20
VD
Supply voltage
20
V
* maximum instantaneous Tj
≤ 150°C
VFO
IFO
Fault output supply voltage
Fault output current
20
20
V
mA


Similar Part No. - PM30CTJ060-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM30CTJ060-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com