Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP500F Datasheet(PDF) 2 Page - AUK corp

Part # DP500F
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

DP500F Datasheet(HTML) 2 Page - AUK corp

  DP500F_05 Datasheet HTML 1Page - AUK corp DP500F_05 Datasheet HTML 2Page - AUK corp DP500F_05 Datasheet HTML 3Page - AUK corp DP500F_05 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-8014-004
2
DP500F
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-15
V
Collector-Emitter voltage
VCEO
-12
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-5
A
PC
0.5
Collector power dissipation
PC
*
2
W
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* : When mounted on 40×40×0.8 ceramic substate
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-50 , IE=0
-15
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1 , IB=0
-12
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-50 , IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-12V, IE=0
-
-
-1
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-1
hFE1
*
VCE=-1V, IC=-100
120
-
700
-
DC current gain
hFE2
VCE=-1V, IC=-3A
40
-
-
-
Collector-Emitter on voltage
VCE(sat1)
IC=-3A, IB=-150
-
-
-0.5
V
Base-Emitter on voltage
VBE(sat)
IC=-3A, IB=-150
-
-
-1.2
V
Transition frequency
fT
VCB=-5V, IC=-500
-
150
-
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1
-
-
50
* : hFE rank / O : 120 ~ 240, Y : 200 ~ 400, G : 350 ~ 700


Similar Part No. - DP500F_05

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP500F AUK-DP500F Datasheet
47Kb / 3P
   PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
logo
KODENSHI_AUK CORP.
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
   Suitable for low voltage large current drivers
More results

Similar Description - DP500F_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com