Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RP100X Datasheet(PDF) 3 Page - RICOH electronics devices division

Part No. RP100X
Description  LOW NOISE 200mA LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

RP100X Datasheet(HTML) 3 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
RP100x
3
PIN CONFIGURATIONS
SOT-23-5
PLP1612-4
1
2
3
4
5
(mark side)
Top View
4
3
12
Bottom View
3
4
2
1
PIN DESCRIPTIONS
SOT-23-5
PLP1612-4*
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VDD
Input Pin
1
VOUT
Output Pin
2
GND
Ground Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin
("H" Active)
3
CE
Chip Enable Pin
("H" Active)
4
NC
No Connection
4
VDD
Input Pin
5
VOUT
Output Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
300
mA
Power Dissipation (SOT-23-5) *
1
420
PD
Power Dissipation (PLP1612-4) *
1
610
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*1) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
∗) Tab in the
parts have GND level.
(They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP580_06Ultra−Fast Low Noise 120 mA CMOS LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
R1126N151BLOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
SP6260High Speed Extremely Low Noise 150mA LDO Regulator 1 2 3 4 5 MoreSipex Corporation
AP2122HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
R1112N_02LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
TPS799XX_07200mA Low Quiescent Current Ultra-Low Noise High PSRR Low Dropout Linear Regulator 1 2 3 4 5 MoreTexas Instruments
AP2121_07HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2213500mA LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
NCP700Ultra Low Noise High PSSR BiCMOS RF LDO Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn