Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RP100X Datasheet(PDF) 2 Page - RICOH electronics devices division

Part No. RP100X
Description  LOW NOISE 200mA LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

RP100X Datasheet(HTML) 2 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
RP100x
2
BLOCK DIAGRAMS
RP100xxx1B
RP100xxx1D
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user’s
request.
The selection can be made with designating the part number as shown below;
RP100xxx1x-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b c
d
e
Code
Contents
a
Designation of Package Type:
K: PLP1612-4
N: SOT-23-5
b
Setting Output Voltage (VOUT):
The following 16kinds of voltage are standard.
1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.1V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V,
3.0V, 3.1V, 3.3V
Exceptions:1.85V
=RP100x181x5-xx-x, 2.85V=RP100x281x5-xx-x
c
Designation of Mask Option
B: active high, without auto discharge function* at OFF state.
D: active high, with auto discharge function* at OFF state.
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of pin plating:
-F: Lead free plating (SOT-23-5)
None: Au plating (PLP1612-4)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP580_06Ultra−Fast Low Noise 120 mA CMOS LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
R1126N151BLOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
SP6260High Speed Extremely Low Noise 150mA LDO Regulator 1 2 3 4 5 MoreSipex Corporation
AP2122HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
R1112N_02LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreRICOH electronics devices division
TPS799XX_07200mA Low Quiescent Current Ultra-Low Noise High PSRR Low Dropout Linear Regulator 1 2 3 4 5 MoreTexas Instruments
AP2121_07HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2213500mA LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
NCP700Ultra Low Noise High PSSR BiCMOS RF LDO Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn