Electronic Components Datasheet Search |
|
SK24A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SK24A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page Dimensions in inches and (millimeters) - 38 - Version: C07 SK22A - SK215A 2.0 AMPS. Surface Mount Schottky Barrier Rectifiers SMA/DO-214AC Features For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260 oC / 10 seconds at terminals Mechanical Data Case: Molded plastic Terminals: Pure tin plated, lead free. Polarity: Indicated by cathode band Packaging: 12mm tape per EIA STD RS-481 Weight: 0.093gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol SK 22A SK 23A SK 24A SK 25A SK 26A SK 29A SK 210A SK 215A Units Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 90 100 150 V Maximum RMS Voltage VRMS 14 21 28 35 42 63 70 105 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 90 100 150 V Maximum Average Forward Rectified Current at TL(See Fig. 1) I(AV) 2.0 A Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) IFSM 50 A Maximum Instantaneous Forward Voltage (Note 1) @ 2.0A VF 0.5 0.7 0.85 0.95 V 0.5 Maximum DC Reverse Current @ TA =25 oC at Rated DC Blocking Voltage @ TA =125 oC IR 10 5.0 0.1 2.0 mA mA Non-repetitive Peak Reverse Avalanche Energy L=40mH Tj=25 oC max prior to Surge, Inductive load Switched off ERSM 20 mJ Typical Junction Capacitance Cj 10 50 pF Typical Thermal Resistance ( Note 2 ) R θJA 88 o C/W Operating Temperature Range TJ -65 to +125 -65 to +150 o C Storage Temperature Range TSTG -65 to +150 o C Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.2” x 0.2”(5.0mm x 5.0mm) Copper Pad Areas. |
Similar Part No. - SK24A |
|
Similar Description - SK24A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |