Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SK22A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. SK22A
Description  2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

SK22A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 38 -
Version: C07
SK22A - SK215A
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SMA/DO-214AC
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.093gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SK
22A
SK
23A
SK
24A
SK
25A
SK
26A
SK
29A
SK
210A
SK
215A
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
(Note 1)
@ 2.0A
VF
0.5
0.7
0.85
0.95
V
0.5
Maximum DC Reverse Current
@ TA =25
oC
at Rated DC Blocking Voltage @ TA =125
oC
IR
10
5.0
0.1
2.0
mA
mA
Non-repetitive Peak Reverse Avalanche
Energy L=40mH Tj=25
oC max prior to Surge,
Inductive load Switched off
ERSM
20
mJ
Typical Junction Capacitance
Cj
10
50
pF
Typical Thermal Resistance ( Note 2 )
R θJA
88
o
C/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.2” x 0.2”(5.0mm x 5.0mm) Copper Pad Areas.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn