Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO-54AAE40M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO-54AAE40M
Description  Full Size Clock Oscillators TTL/HCMOS Compatible
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO-54AAE40M Datasheet(HTML) 1 Page - Vishay Siliconix

  XO-54AAE40M Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 35024
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 10-Jun-03
1
Full Size Clock Oscillators TTL/HCMOS Compatible
XO-54
Vishay Dale
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XO-54
Frequency Range
FO
1MHz ~ 125.00MHz
Frequency Stability*
All Condition*
± 25ppm, ± 50ppm, ± 100ppm
Operating Temperature Range
TOPR
0ºC ~ 70ºC (- 40ºC ~ + 85ºC option)
Storage Temperature Range
TSTG
- 55ºC ~ + 125ºC
Power Supply Voltage
VDD
5.0V ± 10%
Aging (First Year)
25ºC ± 3ºC
± 5ppm
Supply Current
IDD
1MHz to 23.999MHz
20mA Max
24.000MHz to 49.999MHz
30mA Max
50.000MHz to 69.999MHz
40mA Max
70.000MHz to 125.000MHz
60mA Max
Output Symmetry
Sym
1/2VDD
40/60%(45/55% Option)
Rise Time
Tr
10%VDD ~ 90%VDD
10 nS Max
Fall Time
Tf
90%VDD ~ 10%VDD
10 nS Max
Output Voltage
VOH
90% VDD Min
VOL
10% VDD Max
Output Load
TTL Load
1 ~ 10TTL
HCMOS Load
~ 50M : 50pF
~ 70M : 30pF
~100M : 15pF
Start-up Time
Ts
10mS Max
Pin 1, Tri-State Function
Pin 1 = H or open.... Output active at pin 8
Pin 1 = L.... High Impedance at pin 8
*Include: 25ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in millimeters
MARKING
AREA
+ 5.0V
+ 3.3V
TEST POINT
0.01µF
CMOS LOAD
CL**
CL = 15pF or 50pF
(see individual
spec sheet)
HCMOS TEST CIRCUIT
**Includes Stray and Probe Capacitance
0.200
[5.08] Max
[0.45 ± 0.1]
[0.8 ± 0.1]
0.268
[6.80] Max
PIN
#1
#7
#8
#14
CONNECTION
TRI-STATE NC
GND
OUTPUT
VDD
VOH
VOL
Tr
Tf
90% VDD
50% VDD
10% VDD
GND
T1
T0 = 1/Fo
SYMMETRY =
x 100%
T1
T0
HCMOS OUTPUT WAVEFORM
0.031 ± 0.003
0.018 ± 0.003
ENABLE/DISABLE FUNCTION
ENABLE
ENABLE
OUTPUT (PIN 8)
INPUT (PIN 1)
OPEN
VIH ≥ 2.2 VDC
INH
Enable/Disable function
#1
#7
#14
#8
0.508
[12.9] Max
0.300 ± 0.005
[7.62 ± 0.13]
0.600 ± 0.005
[15.24 ± 0.13]
0.803 [20.4] Max
A
V
#14
#1
#8
#7
ORDERING INFORMATION
XO-54
MODEL
B
FREQUENCY STABILITY
AA = 0.0025% (25PPM)
A = 0.005% (50PPM)
B = 0.01% (100PPM)
Standard
R
OTR
Blank = 0°C to + 70°C
R = - 40°C to + 85°C
E
ENABLE/DISABLE
Blank = Pin 1 open
E = Disable or Tristate
40M
FREQUENCY/MHz
FEATURES
• 14 pin full size
• Industry standard
• Wide frequency range
• Low cost
• Tri-State enable/disable
• Resistance weld package
• 5V
The
XO-54
series
oscillator
is
Full
Size
Tri-state
Enable/Disable control. The metal package with pin #7 case
ground acts as shielding to minimize EMI radiation.


Similar Part No. - XO-54AAE40M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-54AAE40ME2 VISHAY-XO-54AAE40ME2 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
More results

Similar Description - XO-54AAE40M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 08-Mar-11
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com