Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF504G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFF504G
Description  Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF504G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFF504G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF504G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SFF501G - SFF508G
Isolated 5.0 AMPS.
Glass Passivated Super Fast Rectifiers
ITO-220AB
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
Mechanical Data
Case: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds 0.25”,(6.35mm) from case. .
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFF
501G
SFF
502G
SFF
503G
SFF
504G
SFF
505G
SFF
506G
SFF
507G
SFF
508G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TC = 100
oC
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
70
A
Maximum Instantaneous Forward Voltage
@2.5A
VF
0.98
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
70
50
pF
Typical Thermal Resistance
(Note 3)
RθJC
5.5
o
C/W
Operating Temperature Range
TJ
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink Size of 2” x 3” x 0.25”, Al-Plate.


Similar Part No. - SFF504G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF504G TSC-SFF504G Datasheet
115Kb / 2P
   Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF504G TSC-SFF504G Datasheet
192Kb / 2P
   5.0AMPS Isolated Glass Passivated Super Fast Rectifier
More results

Similar Description - SFF504G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF501G TSC-SFAF501G_1 Datasheet
272Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_10 Datasheet
628Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
   5.0 AMPS. Glass Passivated Super Fast Rectifiers
UGF5J TSC-UGF5J Datasheet
163Kb / 2P
   Isolated 5.0 Amps Glass Passivated Super Fast Rectifier
FRF501G TSC-FRF501G_1 Datasheet
333Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFF501G TSC-SFF501G Datasheet
115Kb / 2P
   Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF504G TSC-SFAF504G Datasheet
66Kb / 2P
   Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_10 Datasheet
629Kb / 2P
   Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_1 Datasheet
331Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_1 Datasheet
269Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com